Electronic Components Datasheet Search
  English  ▼

X  

MBSP-3 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # MBSP-3
Description  BATTERY BACKUP SYSTEM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

MBSP-3 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  MBSP-3 Datasheet HTML 1Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 2Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 3Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 4Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 5Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 6Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 7Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 8Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Safety
2
Important Safety Instructions
SAVE THESE INSTRUCTIONS - This manual contains
important instructions that should be followed during
installation, operation, and maintenance of the product.
This is the safety alert symbol. When you see this
symbol on your pump or in this manual, look for one of the
following signal words and be alert to the potential for
personal injury!
indicates a hazard which, if not avoided, will
result in death or serious injury.
indicates a hazard which, if not avoided, can
result in death or serious injury.
indicates a hazard which, if not avoided, can
or may result in minor or moderate injury.
NOTICE addresses practices not related to personal injury.
Carefully read and follow all safety instructions in this
manual and on pump.
Keep safety labels in good condition. Replace missing or
damaged safety labels.
To avoid risk of serious bodily injury due to electrical
shock or burns and property damage due to flooding,
read the safety instructions carefully before installing
pump.
Battery acid is corrosive. Do not spill on
skin, clothing, or battery charger. Wear eye and head
protection when working with battery. Connect and
disconnect DC output terminals only after removing the
charger from the AC outlet. Never allow the DC terminals
to touch each other.
Hazardous Voltage. Can cause severe or
fatal electrical shock. Do not plug in or unplug battery
charger while standing on a wet floor or in water. Be sure
one hand is free when plugging in or unplugging charger.
If basement floor is wet, disconnect power to basement
before walking on floor.
Risk of flooding. Do not run pump dry. To
do so will damage seals and can cause leaking and
property damage.
Follow local and/or national plumbing and electrical
codes when installing the system. A ground fault circuit
interrupter (GFCI) is recommended for use on any
electrical appliance submerged in water.
Use this system only for backup sump pump duty in a
residential application. It is not designed as a primary
sump pump.
Do not lift pump by electrical cord.
Risk of electrical shock. Do not lift the
pump by the electrical cord; lift pump only by the
discharge pipe, lifting ring or handle on the pump. Lifting
by the cord can damage the cord.
Pump clear water only with this pump.
Pump is permanently lubricated at the factory. Do not try
to lubricate it!
Keep battery charger and battery box off of the floor and
in a dry, cool, well ventilated area.
NOTICE: If a Carbon Monoxide (CO) sensor is installed,
it must be at least 15 feet away from battery charger in
order to avoid nuisance CO alarms. Please refer to your
CO detector’s installation guidelines for more information.
To avoid danger of fire or explosion, keep sparks and
flame (pilot light) away from battery.
Maximum vertical pumping distance is 15 feet (4.6M) for
Model MBSP-3.
Make sure sump is clear of debris. Debris can damage the
pump which can result in flooding.
GENERAL INFORMATION
The battery backup sump system is not a substitute for
your primary sump pump. It is designed to temporarily
backup your primary sump pump during a power outage
or other problem which prevents normal operation of the
primary pump. Do not use this system to pump flammable
liquids or chemicals. Pump clear water only with this
pump.
Keep the battery charger dry and protected from
damage.
This system is designed to work with a deep cycle sealed
maintenance free lead-acid AGM battery. It will also
work with a flooded lead acid battery. Gell and Sealed
flooded lead acid batteries are
not recommended. In
an emergency (such as an extended power outage)
which depletes the system deep cycle battery, your
automobile battery may be temporarily substituted. Be
sure to replace the system deep cycle battery as soon
as possible. Use of an automobile battery instead of a
deep cycle battery in this system will significantly reduce
the system’s total performance. Automobile batteries
are not designed for this type of application and will be
quickly ruined by the repeated charge/discharge cycling.
NOTICE: This system is not designed for applications
involving salt water, brine, or where fish may be present!
Use with these will void warranty. 
California Proposition 65 Warning
This product and related accessories contain
chemicals known to the State of California to cause
cancer, birth defects or other reproductive harm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com