Electronic Components Datasheet Search
  English  ▼

X  

S40HT Datasheet(PDF) 6 Page - Pentair plc. All rights reserved.

Part # S40HT
Description  Submersible High Temperature Effluent Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

S40HT Datasheet(HTML) 6 Page - Pentair plc. All rights reserved.

Back Button S40HT Datasheet HTML 2Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 3Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 4Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 5Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 6Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 7Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 8Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 9Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 10Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MODEL S50HTPC1 REPAIR PARTS
1306 0317
Rope Handle Ring
Oil Fill Plug
U78-57DV
Volute
PW1-17
Impeller
PW5 -9H
Shaft Seal, Stationary
Head Assembly
Motor Assembly
PW218-137
Motor Cover
1/4" Hex Capscrew (4)
Seal Plate
7/16" Hex Nut
U36-33SS
Not Shown
Capscrew, 1/4-20 x 1"
Soc Hd. Screw (4)
U30-475SS
O-Ring
U9-365
Float Switch
PW17-1580B
Bosses tapped
1/2" NPT
Power Cord Assembly
27633B000
Dielectric Oil (Qt -3 Required) U197-8A
NOTE: Pump uses 2.6 Qts.
Shaft Seal, Rotating
Mating Ring
U30-883SS
PW18-53A
PW18-54E
U97-102SS
U9-439A
U9-439B
Capscrew, U30-539SS
Float Switch
Cord Clamp, CC0030-13
NOTE: A control panel is needed for the S50HTPC1 pump. Purchase part number PW217-280 for single pump operation. For
duplex operation, purchase panel 27400A245 instead of PW217-280.
Wiring Pump to Panel
Black goes to TB1:3
Red goes to TB1:4
Green goes to TB1:5
White goes to TB1:6
Wiring Float PW17-1580B
to Panel
Wire to TB1:7 and TB1:8
Plug needs to be removed
to wire into panel
Wiring into PW217-280 Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com