Electronic Components Datasheet Search
  English  ▼

X  

S40HT Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # S40HT
Description  Submersible High Temperature Effluent Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

S40HT Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  S40HT Datasheet HTML 1Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 2Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 3Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 4Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 5Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 6Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 7Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 8Page - Pentair plc. All rights reserved. S40HT Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GPM AT TOTAL FEET
Model
10
15
20
No flow
at height shown
below
CAPACITY GALLONS/MINUTE
S40HT-11P
42
30
10
21
S40HT-11*
42
30
10
21
S50HTPC1
65
—
60
48/50
*Performance is reduced with high temp liquids.
INSTALLATION
Hazardous voltage. Can shock, burn or kill.
Do not lift pump by the power cord. See “Cord Lift Warning”
on Page 3.
NOTICE: Install the pump on a hard, level surface (cement,
asphalt, etc.). Never place the pump directly on earth, clay or
gravel surfaces.
Piping
Piping must not be smaller than pump discharge.
When installed in an
effluent system, the pipe must be
capable of handling semi-solids of at least
3/4" (19mm) in
diameter.
The rate of flow in the discharge pipe must keep any solids
present in suspension in the fluid. To meet minimum flow
requirements (2 feet per second in the discharge line), size
the pipe as follows:
A Pipe Size Of:
Will Handle a Flow Rate Of:
1-1/2" (38mm)
12 GPM
2" (51mm)
21 GPM
2-1/2"(64mm)
30 GPM
3"(76mm)
48 GPM
In an
effluent system use a 1-1/2" (38mm) check valve
in pump discharge to prevent backflow of liquid into sump
basin. The check valve should be a free flow valve that will
easily pass solids. Be sure check valve installation complies
with local codes.
NOTICE: For best performance of check valve when
handling solids, do not install it with the discharge more than
45° above the horizontal. Do not install the check valve in a
vertical position as solids may settle in the valve and prevent
it from opening on startup.
Drill a 3/16" (5mm) hole in the discharge pipe about 1–2"
(25-51mm) above the pump discharge connection (but below
check valve) to prevent airlocking the pump.
Electrical
Hazardous voltage. Can shock, burn, or
kill. When installing, operating, or servicing this pump, follow
the safety instructions listed below.
1.
DO NOT splice the electrical power cord.
2.
DO NOT allow the electrical cord plug to be submerged.
3.
DO NOT use extension cords. They are a fire hazard and
can reduce voltage sufficiently to prevent pumping and/or
damage motor.
4.
DO NOT handle or service the pump while it is
connected to the power supply.
5.
DO NOT remove the grounding prong from the plug
or modify the plug. To protect against electrical shock,
the power cord is a three-wire conductor and includes
a 3-prong grounded plug. Plug the pump into a 3-wire,
grounded, grounding-type receptacle. Connect the pump
according to the NEC or CEC and local codes.
For automatic operation, plug or wire the pump into an
automatic float switch or duplex controller. The pump will run
continuously when plugged directly into an electrical outlet.
S50HTPC1 requires switch panel PW217-280.
Connect or wire pump to its own individual branch circuit
with no other outlets or equipment in the circuit. Size fuses
or circuit breakers according to the “Motor, Switch and Cord
Specifications” chart.
Risk of electrical shock and fire. Can
burn, kill or cause property damage. Be sure that power
supply information (Voltage/ Hertz/Phase) on pump motor
nameplate matches incoming power supply exactly. Install
pump according to all electrical codes that apply.
Pumping Range (Inches)
610141822263034
38"
5.5"
6
10
14
18
22
26"
3.5"
413 0893
Performance Graph – Tether Length vs. Pumping Range
OPERATION
The automatic float switch on Model S50HTPC1 is factory
set with a 4" tether length. This tether length can be
adjusted to accommodate a variety of pumping ranges.
(See performance graph.) The installer must ensure that the
switch does not become obstructed and that the range is
set so the liquid level remains a minimum of 2" above pump
suction at the lowest level, and below the basin inlet pipe at
the highest level.
Risk of fire or explosion. Can cause severe
personal injury, property damage or death. Do not use in
explosive atmospheres. Pump water only with this pump.
NOTICE: Do not allow the pump to run in a dry sump. It will
void the warranty and may damage the pump.
An automatic overload protector in the motor will protect
the motor from burning out due to overheating/overloading.
When the motor cools down, the overload protector will
automatically reset and start the motor.
If the overload trips frequently, check for the cause. It could
be a stuck impeller, wrong/low voltage, or an electrical failure
in the motor. If an electrical failure in the motor is suspected,
have it serviced by a competent repairman.
The pump is permanently lubricated. No oiling or greasing is
required.
2
PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com