Electronic Components Datasheet Search
  English  ▼

X  

MSM6789L Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6789L
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789L Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6789L Datasheet HTML 1Page - OKI electronic componets MSM6789L Datasheet HTML 2Page - OKI electronic componets MSM6789L Datasheet HTML 3Page - OKI electronic componets MSM6789L Datasheet HTML 4Page - OKI electronic componets MSM6789L Datasheet HTML 5Page - OKI electronic componets MSM6789L Datasheet HTML 6Page - OKI electronic componets MSM6789L Datasheet HTML 7Page - OKI electronic componets MSM6789L Datasheet HTML 8Page - OKI electronic componets MSM6789L Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
STAND-ALONE MODE
FEATURES
• SBC method
• Built-in 12-bit AD converter
• Built-in 12-bit DA converter
• Built-in microphone amplifier
• Built-in low-pass filter
Attenuation characteristics –40 dB/oct
• External memories
MSM6789A (5 V version)
General-purpose DRAM, 32 Mbits maximum (for variable messages)
1-Mbit DRAM : Can be directly driven (MSM514256B, MSM511000B)
4-Mbit DRAM : Can be directly driven (MSM514400C, MSM514100C)
16-Mbit DRAM : Can be directly driven (MSM5117400A, MSM5116100A)
ARAM, 32 Mbits maximum (for variable messages)
Note :Use the first 64 Kbits with no failed bits for the ARAM.
Serial register, 32 Mbits maximum (for variable messages)
4-Mbit serial register : Can be directly driven (MSM6684B)
8-Mbit serial register : Can be directly driven (MSM6685)
MSM6789L (3.3 V version)
Serial register, 16 Mbits maximum (for variable messages)
4-Mbit serial resister: Can be directly driven (MSM66V84B)
MSM6789A (5 V version) and MSM6789L (3.3 V version)
Serial voice ROM, 4 Mbits maximum (for fixed messages)
1-Mbit serial voice ROM : Can be directly driven (MSM6595A)
2-Mbit serial voice ROM : Can be directly driven (MSM6596A)
3-Mbit serial voice ROM : Can be directly driven (MSM6597A)
• Bit rate
10.0, 12.6, 16.0 kbps (at 8 kHz sampling freq.)
7.5, 9.5, 12.0 kbps (at 6 kHz sampling freq.)
• Maximum recording time (when one 8-Mbit serial register is connected)
13.8 minutes (for 10.0 kbps SBC)
18.4 minutes (for 7.5 kbps SBC)
11.0 minutes (for 12.6 kbps SBC)
14.6 minutes (for 9.5 kbps SBC)
8.6 minutes (for 16.0 kbps SBC)
11.5 minutes (for 12.0 kbps SBC)
• Number of phrases
63 phrases for variable messages
63 phrases for fixed messages
• Standard linear PCM playback or OKI nonlinear PCM playback can be selected.
• Voice triggered starting function (voice detect level can be set)
• Unvoiced-part elimination function (voice detect level can be set)
• Pausing function
• Master clock frequency:
6.0 MHz to 8.192 MHz
• Power supply voltage:
MSM6789A : Single 5 V power supply
MSM6789L : Single 3.3 V power supply
• Package options:
MSM6789A : 100-pin plastic QFP (QFP100-P-1420-BK) (Product name: MSM6789AGS-BK)
MSM6789L : 100-pin plastic QFP (QFP100-P-1420-BK) (Product name: MSM6789LGS-BK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com