Electronic Components Datasheet Search
  English  ▼

X  

MSM6789L Datasheet(PDF) 35 Page - OKI electronic componets

Part # MSM6789L
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789L Datasheet(HTML) 35 Page - OKI electronic componets

Back Button MSM6789L Datasheet HTML 31Page - OKI electronic componets MSM6789L Datasheet HTML 32Page - OKI electronic componets MSM6789L Datasheet HTML 33Page - OKI electronic componets MSM6789L Datasheet HTML 34Page - OKI electronic componets MSM6789L Datasheet HTML 35Page - OKI electronic componets MSM6789L Datasheet HTML 36Page - OKI electronic componets MSM6789L Datasheet HTML 37Page - OKI electronic componets MSM6789L Datasheet HTML 38Page - OKI electronic componets MSM6789L Datasheet HTML 39Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
PIN DESCRIPTIONS (for MSM6789A (5 V Version)) (Continued)
Symbol
Type
Description
Oscillator Connect. When an external clock is used, input the clock through
this pin. At the power-down state, this pin must be set to the ground level.
XT
I
TEST
MSM6789A Test. Input a low level to the TEST pin and a high level to the
TEST pin.
TEST
I
Oscillator Connect. When an external clock is uesd, this pin must be left open.
XT
O
MSM6789A Test. This pin must be left open.
TMD3-TMD0
TDT7-TDT0
SYNC
I/O
Connect these pins to DQ1 to DQ4 of DRAM at the time of 4-bit
¥ type DRAM
selection. Otherwise these pins must be left open as they are MSM6789A test pins.
TDT3-TDT0
[DQ4]-[DQ1]
I/O
MSM6789A Test. Input a low level.
TST
TCK
TMD4
I
RPM. This pin outputs a high level during recording or playback operation. The
state of this pin is the same as the contents of the RPM bit of the status register.
RPM
O
VPM. This pin outputs a high level during standby for voice incoming after the start of
recording by voice triggered starting or unvoiced-part elimination. Also outputs a high
level when the record/playback is stopped temporarily by inputting the PAUSE
command. The state of this pin is the same as the contents of the VPM bit of the
status register.
VPM
O
NAR. This NAR pin indicates whether the phrase designation by the CHAN command
is enabled or disabled.
In the ROM play back operation, specify the next phrase after verifying that the NAR
pin is at high level and input the START command.
NAR
O
POP Noise Suppression Select. This pin selects whether the pop noise
suppression circuit is used.
Low level : the pop noise suppression circuit is not used.
High level : the pop noise suppression circuit is used.
The DC level is shifted by the LEV command.
ACON
I
EXTD. In the record/playback operation by the EXT command, input a high level for
read/write of SBC data. Input a low level for usual command input and status output.
EXTD
I
MON. This pin outputs a high level while the record/playback operation is being
performed. Outputs a synchronizing clock while record/playback activated by the
EXT command is being performed.
MON
O
Busy. This pin outputs a high level while a command is being executed. When this
pin is held high, do not apply any data to D0 to D3 pins. The state of this pin is the
same as the contents of the BUSY bit of the status register.
BUSY
O
Pin
91
36, 37-39,
61, 67-70
33
92
9-12
13-20
21
17-20
22
23
8
30
31
71
32
37
72
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com