Electronic Components Datasheet Search
  English  ▼

X  

MSM6789L Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6789L
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789L Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6789L Datasheet HTML 3Page - OKI electronic componets MSM6789L Datasheet HTML 4Page - OKI electronic componets MSM6789L Datasheet HTML 5Page - OKI electronic componets MSM6789L Datasheet HTML 6Page - OKI electronic componets MSM6789L Datasheet HTML 7Page - OKI electronic componets MSM6789L Datasheet HTML 8Page - OKI electronic componets MSM6789L Datasheet HTML 9Page - OKI electronic componets MSM6789L Datasheet HTML 10Page - OKI electronic componets MSM6789L Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
PIN DESCRIPTIONS (for MSM6789A (5 V Version)) (Continued)
Symbol
Type
Description
WE
O
Write Enable. This pin connects to the WE pin of the serial register and DRAM.
This pin selects either read or write mode.
DI/O
I/O
Data I/O. This pin connects to the DIN and DOUT pins of the serial register and
DRAM. This pin outputs write data and inputs read data.
DROM
I
Data ROM. This pin connects to the DOUT pin of the serial voice ROM.
RAS
O
This is a row address strobe pin of DRAM at the time of DRAM selection.
CAS0-
CAS7
O
These are the column address strobe pins of DRAM at the time of DRAM selection.
CAS7, an addresss output pin, is connected to pin A11 of DRAM at the time 16-Mbit
DRAM selection.
CS1
Chip Select. These pins connect to CS pin of the serial register and the CS (CS1,
CS2, CS3) pins of the serial voice ROM.
CS3
O
CS4
MSEL1
I
These pins select the capacity of the memory to be connected externally.
These pins select the number of DRAMs and serial registers to be connected externallly.
RSEL1
I
CS2
MSEL2
I
RSEL2
I
MSEL2
MSEL1
RSEL2
RSEL1
Memory capacity
LLLL
1M
¥ 4
LLL
H
4M
¥ 1
L
LHL
1M
¥ 8
L
L
H
H
1M
¥ 4 + 4M ¥ 1
LHL
L
4M
¥ 2
LHLH
4M
¥ 2
LH
HL
4M
¥ 3
L
HHH
4M
¥ 3
H
LLL
4M
¥ 4
H
L
L
H
16M
¥ 1
HLHL
4M
¥ 6
HLH
H
4M
¥ 6
H
H
L
L
4M
¥ 8
H
HLH
4M
¥ 8
H
H
H
L
16M
¥ 2
HHHH
16M
¥ 2
• When DRAM is selected (DRAM/SR = High level)
Pin
74
73
85
89
93-100
81
83
84
58
82
59
56
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com