Electronic Components Datasheet Search
  English  ▼

X  

SM7720P Datasheet(PDF) 1 Page - Linkage Goston Electronics Co., LTD

Part # SM7720P
Description  Silicon controlled LED drive chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

SM7720P Datasheet(HTML) 1 Page - Linkage Goston Electronics Co., LTD

  SM7720P Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD SM7720P Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD SM7720P Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD SM7720P Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD SM7720P Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD SM7720P Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD SM7720P Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SM7720P 带可控硅调光的 LED 驱动芯片 QTIGIGV1.2
- 1 -
SM7720P
特点
支持可控硅调光
5%~100%宽调光范围
无需辅助绕组检测和供电
超低芯片工作电流
LED 输出短路保护
芯片供电欠压保护
过热调节输出电流
采用 SOP8-D 封装
应用领域
可控硅调光的 LED 照明
LED 球泡灯、筒灯、灯丝灯
其它 LED 照明
概述
SM7720P 是一款支持可控硅调光的高精度 LED 恒流驱动芯片,应用
于非隔离的 LED 电源系统,适用于 85Vac~265Vac 全范围的交流电压输入。
SM7720P 采用专利的驱动和输出检测方式,芯片工作电流很低,无
需辅助绕组检测和供电,只需要很少的外围器件,即可实现恒流输出,
极大地节约了系统体积和成本。
SM7720P 具有多重保护功能,包括 LED 短路保护,欠压保护,芯片
温度过热调节等。
管脚图
SOP8-D
输出功率表
输入范围
输出功率
120Vac
12W/130mA
注;①若输入为高压时,输出功率可做适当的提升。
②若改善灯壳散热能力或改善散热环境输出功率可提升 20%以上。
典型应用电路结构
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn


Similar Part No. - SM7720P

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7720D PLETRONICS-SM7720D Datasheet
149Kb / 8P
5.0 V CMOS Clock Oscillators
SM7720DE PLETRONICS-SM7720DE Datasheet
149Kb / 8P
5.0 V CMOS Clock Oscillators
SM7720DEV PLETRONICS-SM7720DEV Datasheet
153Kb / 8P
3.3 V CMOS Clock Oscillators
SM7720DEW PLETRONICS-SM7720DEW Datasheet
152Kb / 8P
2.5 V CMOS Clock Oscillators
SM7720DEX PLETRONICS-SM7720DEX Datasheet
149Kb / 8P
1.8 V CMOS Clock Oscillators
More results

Similar Description - SM7720P

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
LK1623 LINKAGE-LK1623 Datasheet
5Mb / 13P
LED drive control chip
LK1628 LINKAGE-LK1628 Datasheet
6Mb / 13P
LED drive control chip
SM1623 LINKAGE-SM1623 Datasheet
12Mb / 13P
LED drive control chip
SM1628 LINKAGE-SM1628 Datasheet
6Mb / 13P
LED drive control chip
SM1642 LINKAGE-SM1642 Datasheet
2Mb / 8P
LED drive control chip
SM1668 LINKAGE-SM1668 Datasheet
6Mb / 14P
LED drive control chip
SM7722 LINKAGE-SM7722 Datasheet
2Mb / 7P
Silicon controlled LED drive chip
SM7722P LINKAGE-SM7722P Datasheet
2Mb / 7P
Silicon controlled LED drive chip
SM7724 LINKAGE-SM7724 Datasheet
2Mb / 7P
Silicon controlled LED drive chip
SM7724P LINKAGE-SM7724P Datasheet
2Mb / 7P
Silicon controlled LED drive chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com