Electronic Components Datasheet Search
  English  ▼

X  

FS91M68 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS91M68
Description  8-bit MCU with 1k program ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS91M68 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS91M68 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FS91M68
Low Battery Detection
Address
Name
Content
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
01DH
LowBatDct
lbEN
lowPwr
-
-
-
-
BiasSEL1 BiasSEL0
When resetting, lbEN=1, [BiasSEL1,BiasSEL0]=[0,0].
“lbEN=1” enables low batery detection, “lbEN=0” disables low batery detection.
When reading LowBatDct, lowPwr=1 is normal, lowPwr=0 indicates it is under preset low voltage.
Low Battery Detection option table:
BiasSEL1
BiasSEL0
Detect Voltage
0
0
1.329V
0
1
1.293V
1
0
1.260V
1
1
1.224V
***For various Low Voltage Detection option, the voltage detected might be different due to the slight
variation of the IC process.
I/O Port
Address
Name
Content
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
008H
PT1
PT1[7:0]
009H
PT1EN
PT1EN[7:4]
-
-
-
-
00AH
PT1PU
PT1PU[7:0]
00EH
PT1MR
BPE2
BPE1
CH_S
RF_EN
-
-
-
-
PT1[3:0] are input ports, with pull-up resistor enable control.
PT1[7:4] are I/O ports, when PT1EN[7:4] =0, PT1[7:4] will be the input ports.
when PT1EN[7:4] =1,PT1[7:4] will be the output ports
When system reset or initial start-up, the default value of PT1EN[*] is 0.
PT1EN[*]
PT1[*] setting
0
Input port
1
Output port
When PT1PU[N]=0, PT1[N] has no pull-up resister ; When PT1PU[N]=1, PT1[N] has pull-up resister
PT1PU[*]
PT1[*] setting
0
Internal pull-up disable
1
Internal pull-up enable
Rev. 1.3
11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com