Electronic Components Datasheet Search
  English  ▼

X  

FS91M68 Datasheet(PDF) 23 Page - Fortune Semiconductor Corp.

Part # FS91M68
Description  8-bit MCU with 1k program ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS91M68 Datasheet(HTML) 23 Page - Fortune Semiconductor Corp.

Back Button FS91M68 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 24Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
FS91M68
Rev. 1.3
23/24
SUBWFC
Subtract W and Carry from f
Syntax:
SUBWFC
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation:
[Destination]
← [f] – [W] –C
‧
Flag Affected:
C, DC, Z
Description:
Subtract the content of the W
register from [f]. If d is 0, the
result is stored in the W register.
If d is 1, the result is stored back
in [f].
Cycle:
1
Example 1:
SUBWFC
OPERAND,
1
Before instruction:
OPERAND = 33h, W = 01h
C = 1
After instruction:
OPERAND = 32h, C = 1, Z =
0
Example 2:
SUBWFC
OPERAND,
1
Before instruction:
OPERAND = 02h, W = 01h
C = 0
After instruction:
OPERAND = 00h, C = 1, Z =
1
Example 3:
SUBWFC
OPERAND,
1
Before instruction:
OPERAND = 04h, W = 05h
C = 0
After instruction:
OPERAND = FEh, C = 0, Z = 0
XORLW
Exclusive OR literal with W
Syntax:
XORLW
k
0
≤ k ≤ FFh
Operation:
[W]
← [W] XOR k
Flag Affected:
Z
Description:
Exclusive OR the content of the
W register and the eight-bit
literal "k". The result is stored in
the W register.
Cycle:
1
Example:
XORLW
5Fh
Before instruction:
W = ACh
After instruction:
W = F3h
XORWF
Exclusive OR W and f
Syntax:
XORWF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation:
[Destination]
← [W] XOR [f]
Flag Affected:
Z
Description:
Exclusive OR the content of the
W register and [f]. If d is 0, the
result is stored in the W register.
If d is 1, the result is stored back
in [f].
Cycle:
1
Example:
XORWF
OPERAND,
1
Before instruction:
OPERAND = 5Fh, W = ACh
After instruction:
OPERAND = F3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com