Electronic Components Datasheet Search
  English  ▼

X  

FS7755 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
FS7755
Rev. 1.1
6/22
7.
Functional Block Diagram
Power Supply
Monitor
Voltage
Reference
R
V
2P
Power Supply
System
CLKIN
CLKOUT
AV
DD
ADC
ADC
Vref in/out
DGND
AGND
V
2N
V
1P
V
1N
F1
F2
CF
5
6
8
7
15
16
PGA
x1, x8, x16, x32
11
21
10
3
18
17
1
DV
DD
G0 G1
22
24
20
13
23
12
14
REVP
S1
S0
SCF
9
Digital
Signal
Processor
RESET
Fig2 Functional Block Diagram
8.
Typical Application Circuit
Fig3 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com