Electronic Components Datasheet Search
  English  ▼

X  

FS7755 Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
FS7755
Rev. 1.1
18/22
Freq =
2
4
1
2
1
06
.
8
REF
V
F
Gain
V
V
−
×
×
×
×
Where:
Freq: Output frequency on F1 and F2 (Hz)
V1:
Differential rms voltage signal on Channel 1 (Volts)
V2:
Differential rms voltage signal on Channel 2 (Volts)
Gain: 1, 2, 8, or 16, depending on the PGA gain selection made using logic inputs G0 and G1
VREF: The reference voltage (2.5V ± 8%)
F1-4: One of four possible frequencies selected by using the logic inputs S0 and S1—see Table II
S1
S0
F1-4(Hz)
XTAL/CLKIN
*
0
0
1.7
3.579545MHz/2
21
0
1
3.4
3.579545MHz/2
20
1
0
6.8
3.579545MHz/2
19
1
1
13.6
3.579545MHz/2
18
Table II
F1-4 Frequency Selection
Note:
*F1–4 is a binary fraction of the master clock and therefore will vary if the specified CLKIN frequency is altered.
14.
Example
In this example, with AC voltages of ±470mV peak applied to V1 and ±660mV peak applied to V2, the
expected output frequency is calculated as follows:
Gain = 1, G0 = G1 = 0
F1–4 = 1.7Hz, S0 = S1 = 0
V1 = rms of 470mV peak ac = 0.47/ 2 Volts
V2 = rms of 660mV peak ac = 0.66/ 2 Volts
VREF = 2.5V (nominal reference value)
Note:
If the on-chip reference is used, actual output frequencies may vary from device to device due to reference
tolerance of ±8%.
Freq =
2
5
.
2
2
2
7
.
1
1
66
.
0
47
.
0
06
.
8
×
×
×
×
×
×
= 0.34 (Hz)
Table Ⅲ shows a complete listing of all maximum output frequencies.
S1
S0
Max Frequency for AC Inputs (Hz)
0
0
0.34
0
1
0.68
1
0
1.36
1
1
2.72
Table
Maximum Output Frequency on F1 and F2
Ⅲ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com