Electronic Components Datasheet Search
  English  ▼

X  

FS7755 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
FS7755
Rev. 1.1
9/22
11.
Timing Characteristics1, 2
(AVDD = DVDD = 5V±5%, AGND = DGND = 0V, On-Chip Reference, CLKIN = 3.579545MHz, Tmin to Tmax
= –40℃ to +85℃.)
Parameter
Specifications
Unit
Test Conditions/Comments
t1
3
275
ms
F1 and F2 Pulse width (Logic Low)
t2
See Table Ⅲ
sec
Output Pulse Period. See Transfer Function section.
t3
1/2 t2
sec
Time between F1 Falling Edge and F2 Falling Edge.
t4
3, 4
90
ms
CF Pulse Width (Logic High).
t5
See Table Ⅳ
sec
CF Pulse Period. See Transfer Function section.
t6
CLKIN/4
sec
Minimum Time between F1 and F2 Pulse.
Note:
1Sample tested during initial release and after any redesign or process changes that may affect this parameter.
2See Fig4.
3The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See Frequency Outputs section.
4The CF pulse is always 18μs in the high frequency mode. See Frequency Outputs section and Table Ⅳ.
Specifications subject to change without notice.
F1
F2
CF
t
1
t
2
t
3
t
4
t
5
t
6
Fig4 Timing Characteristics for Impulse Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com