Electronic Components Datasheet Search
  English  ▼

X  

FS8855 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS8855
Description  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS8855 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FS8855
Rev. 2.7
9/14
LINE TRANSIENT (IOUT=200mA)
LOAD TRANSIENT
LOAD TRANSIENT
LINE TRANSIENT (IOUT=300mA)
LOAD TRANSIENT
LOAD TRANSIENT
VIN
VOUT
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
IOUT
VOUT
100mA
0mA
CIN
1µF
COUT
3.3µF
50mV/div
IOUT
VOUT
IOUT
VOUT
500mA
250mA
CIN
1µF
COUT
3.3µF
50mV/div
IOUT
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
250mA
100mA
CIN
1µF
COUT
3.3µF
50mV/div
500mA
0mA
CIN
1µF
COUT
3.3µF
100mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com