Electronic Components Datasheet Search
  English  ▼

X  

FS8855 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS8855
Description  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS8855 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 14Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
FS8855
Rev. 2.7
12/14
14. Package Outline
SOT-89
15. Revision History
Ver.
Date
Page
Description
1.1
2003/05/09
5
Electrical Characteristics : Cancel example VOUT=3.3V, and
show the whole range of VOUT (Fixed Voltage Type
VOUT=1.3V~4.5V)
1.1
2003/05/09
6
Typical
Operating
Characteristics
:
Cancel
example
VOUT=3.3V, and show the whole range of VOUT (Fixed
Voltage Type VOUT=1.3V~4.5V)
1.2
2003/12/12
1
General Description : Change “But for FS8855-19Cx, the
output is 1.85V. For FS8855-29Cx, the output is 2.85V.” to
"except FS8855-29Cx which has 2.85V output voltage.”
1.2
2003/12/12
1
Features : Change "Low dropout voltage 600mV at 500mA"
to "Low dropout voltage 650mV at 500mA"
1.2
2003/12/12
1
Ordering Information : Change 1.85V option to 1.9V.
1.2
2003/12/22
5
Electrical Characteristics : Change dropout voltage at
Iout=500mA from 600mV to 650mV.
1.3
2004/03/16
1
General Description : Correct wording.
1.3
2004/03/16
3
Pin description : Correct wording.
1.3
2004/03/16
3
Change Function Block Diagrams to Functional Block
Diagrams.
1.3
2004/03/16
4
Change Typical Application Schematic to Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com