Electronic Components Datasheet Search
  English  ▼

X  

FS8855 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS8855
Description  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS8855 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 14Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
FS8855
Rev. 2.7
14/14
Ver.
Date
Page
Description
Update package L、I
Update package type G stands for Green-Package
Update Output Voltage 25:2.5V、33:3.3V
2.3
2009/12/09
6
Vin Absolute Max. Rating:9V
Vin Operating Range:2.5~7V
2.4
2010/03/22
3,6
Revise Dropout Voltage 500mA:TYP 700mV MAX 850mV
2.5
2010/10/20
3
Add Output 1.5V
2.6
2011/01/31
3
Add Output 2.8V, 3.0V, 3.6V
2.7
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com