Electronic Components Datasheet Search
  English  ▼

X  

TP2011 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2011
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2011 Datasheet HTML 5Page - 3PEAK INC. TP2011 Datasheet HTML 6Page - 3PEAK INC. TP2011 Datasheet HTML 7Page - 3PEAK INC. TP2011 Datasheet HTML 8Page - 3PEAK INC. TP2011 Datasheet HTML 9Page - 3PEAK INC. TP2011 Datasheet HTML 10Page - 3PEAK INC. TP2011 Datasheet HTML 11Page - 3PEAK INC. TP2011 Datasheet HTML 12Page - 3PEAK INC. TP2011 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
www.3peakic.com.cn
REV1.2
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Typical Performance Characteristics
Propagation Delay Skew Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-2
0
2
4
6
8
10
Propagation Delay Skew (μs)
1462 Samples
VDD=5V
VCM=1.2V
100mV overdrive
Output Voltage Headroom vs. Output Load Current
0
1
2
3
4
5
0
5
10
15
Output Load Current (mA)
VDD=5V
Sourcing Current
Sinking Current
Output Voltage Headroom vs. Output Load Current
0
0.5
1
1.5
2
0.0
0.5
1.0
1.5
2.0
Output Load Current (mA)
VDD=1.8V
Sourcing Current
Sinking Current
Output Voltage Headroom vs. Supply Voltage
0
100
200
300
400
1
2
3
4
5
Supply Voltage (V)
IOUT=±1mA
VOH
VOL
Output Short Current vs. Supply Voltage
0
5
10
15
20
25
30
1
2
3
4
5
Supply Voltage (V)
Isinking
Isourcing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com