Electronic Components Datasheet Search
  English  ▼

X  

TP2011 Datasheet(PDF) 14 Page - 3PEAK INC.

Part # TP2011
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011 Datasheet(HTML) 14 Page - 3PEAK INC.

Back Button TP2011 Datasheet HTML 10Page - 3PEAK INC. TP2011 Datasheet HTML 11Page - 3PEAK INC. TP2011 Datasheet HTML 12Page - 3PEAK INC. TP2011 Datasheet HTML 13Page - 3PEAK INC. TP2011 Datasheet HTML 14Page - 3PEAK INC. TP2011 Datasheet HTML 15Page - 3PEAK INC. TP2011 Datasheet HTML 16Page - 3PEAK INC. TP2011 Datasheet HTML 17Page - 3PEAK INC. TP2011 Datasheet HTML 18Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
REV1.2
www.3peakic.com.cn
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Typical Applications
IR Receiver
The TP2011 is an ideal candidate to be used as an infrared receiver shown in Figure 7. The infrared photo diode
creates a current relative to the amount of infrared light present. The current creates a voltage across RD. When this
voltage level cross the voltage applied by the voltage divider to the inverting input, the output transitions. Optional Ro
provides additional hysteresis for noise immunity.
Vo
Ro
R2
VDD
R1
TP2011
RD
Figure 7. IR Receiver
Relaxation Oscillator
A relaxation oscillator using TP2011 is shown in Figure 8. Resistors R1 and R2 set the bias point at the comparator's
inverting input. The period of oscillator is set by the time constant of R4 and C1. The maximum frequency is limited by
the large signal propagation delay of the comparator. TP2011’s low propagation delay guarantees the high frequency
oscillation.
If the inverted input (VC1) is lower than the non-inverting input (VA), the output is high which charges C1 through R4 until
VC1 is equal to VA. The value of VA at this point is
2
R
3
R
||
1
R
2
R
DD
V
A1
V
At this point the comparator switches pulling down the output to the negative rail. The value of VA at this point is
3
R
||
2
R
1
R
3
R
||
2
R
DD
V
A2
V
If R1=R2=R3, then VA1=2VDD /3, and VA2= VDD/3
The capacitor C1 now discharges through R4, and the voltage VC decreases till it is equal to VA2, at which point the
comparator switches again, bringing it back to the initial stage. The time period is equal to twice the time it takes to
discharge C1 from 2VDD/3 to VDD/3. Hence the frequency is:
1
C
4
R
ln2
2
1
Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com