Electronic Components Datasheet Search
  English  ▼

X  

TP2011 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TP2011
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011 Datasheet(HTML) 5 Page - 3PEAK INC.

  TP2011 Datasheet HTML 1Page - 3PEAK INC. TP2011 Datasheet HTML 2Page - 3PEAK INC. TP2011 Datasheet HTML 3Page - 3PEAK INC. TP2011 Datasheet HTML 4Page - 3PEAK INC. TP2011 Datasheet HTML 5Page - 3PEAK INC. TP2011 Datasheet HTML 6Page - 3PEAK INC. TP2011 Datasheet HTML 7Page - 3PEAK INC. TP2011 Datasheet HTML 8Page - 3PEAK INC. TP2011 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
www.3peakic.com.cn
REV1.2
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Typical Performance Characteristics
Input Offset Voltage vs. Temperature
-5
-2.5
0
2.5
5
-50
-25
0
25
50
75
100
TEMPERATURE (℃)
5V
1.8V
VCM=1.2V
Input Hysteresis Voltage vs. Temperature
0
2
4
6
8
10
-50
-25
0
25
50
75
100
TEMPERATURE (℃)
5V
1.8V
VCM=1.2V
Quiescent Current vs. Temperature
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
TEMPERATURE (℃)
5V
VCM=1.2V
1.8V
Propagation Delay vs. Temperature
0
5
10
15
20
25
-50
0
50
100
TEMPERATURE (℃)
tpd-@VDD=5V t
pd+@VDD=5V
tpd-@VDD=1.8V
VCM=1.2V
tpd+@VDD=1.8V
Propagation Delay Skew vs. Temperature
-8
-4
0
4
8
-50
0
50
100
TEMPERATURE (℃)
1.8V
VCM=1.2V
5V
Propagation Delay vs. Overdrive Voltage
0
20
40
60
80
100
10
100
1V
Common Mode Voltage (mV)
VDD=5V
VCM=2.5V
tpd+
tpd-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com