Electronic Components Datasheet Search
  English  ▼

X  

TP2011U2 Datasheet(PDF) 10 Page - 3PEAK INC.

Part # TP2011U2
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011U2 Datasheet(HTML) 10 Page - 3PEAK INC.

Back Button TP2011U2 Datasheet HTML 6Page - 3PEAK INC. TP2011U2 Datasheet HTML 7Page - 3PEAK INC. TP2011U2 Datasheet HTML 8Page - 3PEAK INC. TP2011U2 Datasheet HTML 9Page - 3PEAK INC. TP2011U2 Datasheet HTML 10Page - 3PEAK INC. TP2011U2 Datasheet HTML 11Page - 3PEAK INC. TP2011U2 Datasheet HTML 12Page - 3PEAK INC. TP2011U2 Datasheet HTML 13Page - 3PEAK INC. TP2011U2 Datasheet HTML 14Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
REV1.2
www.3peakic.com.cn
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Operation
The TP201x family single-supply comparators feature
internal hysteresis, high speed, and low power. Input
signal range extends beyond the negative and positive
power supplies. The output can even extend all the way
to the negative supply. The input stage is active over
different ranges of common mode input voltage.
Rail-to-rail input
voltage
range
and
low-voltage
single-supply operation make these devices ideal for
portable equipment.
Applications Information
Inputs
The TP201x comparator family uses CMOS transistors at the input which prevent phase inversion when the input pins
exceed the supply voltages. Figure 1 shows an input voltage exceeding both supplies with no resulting phase
inversion.
-2
0
2
4
6
Time (100μs/div)
VDD=5V
Input Voltage
Output Voltage
Figure 1. Comparator Response to Input Voltage
Chip
1KΩ
1KΩ
Core
+In
-In
Figure 2. Equivalent Input Structure
The electrostatic discharge (ESD) protection input structure of two back-to-back diodes and 1kΩ series resistors are
used to limit the differential input voltage applied to the precision input of the comparator by clamping input voltages
that exceed supply voltages, as shown in Figure 2. Large differential voltages exceeding the supply voltage should be
avoided to prevent damage to the input stage.
Internal Hysteresis
Most high-speed comparators oscillate in the linear region because of noise or undesired parasitic feedback. This
tends to occur when the voltage on one input is at or equal to the voltage on the other input. To counter the parasitic
effects and noise, the TP201x implements internal hysteresis.
The hysteresis in a comparator creates two trip points: one for the rising input voltage and one for the falling input
voltage. The difference between the trip points is the hysteresis. When the comparator’s input voltages are equal, the
hysteresis effectively causes one comparator input voltage to move quickly past the other, thus taking the input out of
the region where oscillation occurs. Figure 3 illustrates the case where IN- is fixed and IN+ is varied. If the inputs were
reversed, the figure would look the same, except the output would be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com