Electronic Components Datasheet Search
  English  ▼

X  

TP2011U2 Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TP2011U2
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011U2 Datasheet(HTML) 2 Page - 3PEAK INC.

  TP2011U2 Datasheet HTML 1Page - 3PEAK INC. TP2011U2 Datasheet HTML 2Page - 3PEAK INC. TP2011U2 Datasheet HTML 3Page - 3PEAK INC. TP2011U2 Datasheet HTML 4Page - 3PEAK INC. TP2011U2 Datasheet HTML 5Page - 3PEAK INC. TP2011U2 Datasheet HTML 6Page - 3PEAK INC. TP2011U2 Datasheet HTML 7Page - 3PEAK INC. TP2011U2 Datasheet HTML 8Page - 3PEAK INC. TP2011U2 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
REV1.2
www.3peakic.com.cn
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Pin Configuration (Top View)
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
TP2011
TP2011-TR
5-Pin SOT23
Tape and Reel, 3000
C1TYW (1)
TP2011-CR
5-Pin SC70
Tape and Reel, 3000
C1CYW (1)
TP2011-SR
8-Pin SOIC
Tape and Reel, 4000
2011S
TP2011U
TP2011U-TR
5-Pin SOT23
Tape and Reel, 3000
C1AYW (1)
TP2011U-CR
5-Pin SC70
Tape and Reel, 3000
C1BYW (1)
TP2011U2
TP2011U2-TR
5-Pin SOT23
Tape and Reel, 3000
C1EYW (1)
TP2011N
TP2011N-TR
6-Pin SOT23
Tape and Reel, 3000
C1NYW (1)
TP2012
TP2012-TR
8-Pin SOT23
Tape and Reel, 3000
C12YW (1)
TP2012-SR
8-Pin SOIC
Tape and Reel, 4000
2012S
TP2012-VR
8-Pin MSOP
Tape and Reel, 3000
2012V
TP2014
TP2014-SR
14-Pin SOIC
Tape and Reel, 2500
TP2014S
TP2014-TR
14-Pin TSSOP
Tape and Reel, 3000
TP2014T
Note (1): ‘YW’ is date coding scheme. 'Y' stands for calendar year, and 'W' stands for single workweek coding scheme.
Pin Functions
N/C: No Connection.
–IN: Inverting Input of the Comparator. Voltage range of
this pin can go from V– – 0.3V to V+ + 0.3V.
+IN: Non-Inverting Input of Comparator. This pin has the
same voltage range as –IN.
V+ (VDD): Positive Power Supply. Typically the voltage is
from 1.6V to 5.5V. Split supplies are possible as long as
the voltage between V+ and V– is between 1.6V and
5.5V. A bypass capacitor of 0.1μF as close to the part as
possible should be used between power supply pins or
between supply pins and ground.
V– (VSS): Negative Power Supply. It is normally tied
to ground. It can also be tied to a voltage other than
ground as long as the voltage between V+ and V– is
from 1.6V to 5.5V. If it is not connected to ground,
bypass it with a capacitor of 0.1μF as close to the
part as possible.
OUT: Comparator Output. The voltage range
extends to within millivolts of each supply rail.
LATCH: Active Low Latch enable. Latch enable
threshold is 1/2V+ above negative supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com