Electronic Components Datasheet Search
  English  ▼

X  

TP2011U2 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TP2011U2
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011U2 Datasheet(HTML) 3 Page - 3PEAK INC.

  TP2011U2 Datasheet HTML 1Page - 3PEAK INC. TP2011U2 Datasheet HTML 2Page - 3PEAK INC. TP2011U2 Datasheet HTML 3Page - 3PEAK INC. TP2011U2 Datasheet HTML 4Page - 3PEAK INC. TP2011U2 Datasheet HTML 5Page - 3PEAK INC. TP2011U2 Datasheet HTML 6Page - 3PEAK INC. TP2011U2 Datasheet HTML 7Page - 3PEAK INC. TP2011U2 Datasheet HTML 8Page - 3PEAK INC. TP2011U2 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
www.3peakic.com.cn
REV1.2
Absolute Maximum Ratings Note1
Supply Voltage: V+ – V–....................................6.0V
Input Voltage............................. V– – 0.3 to V+ + 0.3
Input Current: +IN, –IN, Note 2..........................±10mA
Output Current: OUT.................................... ±25mA
Output Short-Circuit Duration Note 3…......... Indefinite
Operating Temperature Range.......–40°C to 85°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range.......... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any
Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power
supply, the input current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power supply
voltage and how many amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the package. The
specified values are for short traces connected to the leads.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
ANSI/ESDA/JEDEC JS-001
2
kV
CDM
Charged Device Model ESD
ANSI/ESDA/JEDEC JS-002
1
kV
Thermal Information
Package
RΘJA
RΘJC(Top)
Unit
8-Pin SOP
112.4
64.1
°C/W
14-Pin SOP
96.7
46.7
°C/W
14-Pin TSSOP
108.1
42.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com