Electronic Components Datasheet Search
  English  ▼

X  

TP2124 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TP2124
Description  1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2124 Datasheet(HTML) 1 Page - 3PEAK INC.

  TP2124 Datasheet HTML 1Page - 3PEAK INC. TP2124 Datasheet HTML 2Page - 3PEAK INC. TP2124 Datasheet HTML 3Page - 3PEAK INC. TP2124 Datasheet HTML 4Page - 3PEAK INC. TP2124 Datasheet HTML 5Page - 3PEAK INC. TP2124 Datasheet HTML 6Page - 3PEAK INC. TP2124 Datasheet HTML 7Page - 3PEAK INC. TP2124 Datasheet HTML 8Page - 3PEAK INC. TP2124 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 
 
1 
TP2121/TP2121N/TP2122/TP2124
1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
www.3peakic.com
REV1.2
Features
Supply Current: 950nA Maximum /Amplifier
Stable 18kHz GBWP with 10mV/μs Slew Rate
Offset Voltage: 1.5mV Maximum
Ultra-low VOS TC: 0.5μV/°C
Ultra-low Input Bias Current: 1fA Typical
High 120dB Open-Loop Voltage Gain
Unity Gain Stable for 1,000nF Capacitive Load
Rail-to-Rail Input/Output Voltage Range
Outputs Source and Sink 20mA of Load Current
No Phase Reversal for Overdriven Inputs
Ultra-low Single-Supply Operation Down to +1.8V
Shutdown Current: 3nA Typical (TP2121N)
–40°C to 125°C Operation Range
Robust 8kV – HBM and 2kV – CDM ESD Rating
Green, Popular Type Package
Applications
Handsets and Mobile Accessories
Current Sensing
Wireless Remote Sensors, Active RFID Readers
Environment/Gas/Oxygen Sensors
Threshold Detectors/Discriminators
Low Power Filters
Battery or Solar Powered Devices
Sensor Network Powered by Energy Scavenging
Description
The TP212x are ultra-low power, precision CMOS
op-amps featuring a maximum supply current of
950nA per amplifier with an ultra-low typical input
bias current of 1fA. Analog trim and calibration
routine reduce input offset voltage to below 1.5mV,
and the precision temperature compensation
technique makes offset voltage temperature drift at
0.5μV/°C, which allowing use of the TP212x in
systems with high gain without creating excessively
large output offset errors.
The TP212x are unity gain stable with 1,000nF
capacitive load with a constant 18kHz GBWP,
10mV/μs slew rate, which make them appropriate
for low frequency applications, such as battery
current monitoring and sensor conditioning. The
TP212x can operate from a single-supply voltage of
+1.8V to +6.0V or a dual-supply voltage of ±0.9V to
±3.0V. Beyond the rails input and rail-to-rail output
characteristics allow the full power-supply voltage to
be used for signal range.
The combined features make the TP212x ideal
choices for battery-powered applications because
they minimize errors due to power supply voltage
variations over the lifetime of the battery and
maintain high CMRR even for a rail-to-rail input
op-amp. Mobile accessories, wireless remote
sensing, backup battery sensors, and single-Li+ or
2-cell NiCd/Alkaline battery powered systems can
benefit from the features of the TP212x op-amps.
For applications that require power-down, the
TP2121N has a low-power shutdown mode that
reduces supply current to 3nA, and forces the output
into a high-impedance state.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property
of their respective owners.
1
3
2
(1)
OUT
CC
R
VI
R
R
 
Ultra-low Supply Current Op-amps:
Supply Current
0.3 μA
0.6 μA
4 μA
GBWP
10 kHz
18 kHz
150 kHz
Single
TP2111
TP2121
TP1511
With Shut-down
TP2111N
TP2121N
TP1511N
Dual
TP2112
TP2122
TP1512
Quad
TP2114
TP2124
TP1514
TP2121 in Low Side Battery Current Sensor


Similar Part No. - TP2124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP212 ETC1-TP212 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
More results

Similar Description - TP2124

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
30MHz Rail-to-Rail Input-Output Op Amps
May 6, 2005
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com