Electronic Components Datasheet Search
  English  ▼

X  

TP2124 Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TP2124
Description  1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2124 Datasheet(HTML) 2 Page - 3PEAK INC.

  TP2124 Datasheet HTML 1Page - 3PEAK INC. TP2124 Datasheet HTML 2Page - 3PEAK INC. TP2124 Datasheet HTML 3Page - 3PEAK INC. TP2124 Datasheet HTML 4Page - 3PEAK INC. TP2124 Datasheet HTML 5Page - 3PEAK INC. TP2124 Datasheet HTML 6Page - 3PEAK INC. TP2124 Datasheet HTML 7Page - 3PEAK INC. TP2124 Datasheet HTML 8Page - 3PEAK INC. TP2124 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
          
2 
TP2121/TP2121N/TP2122/TP2124
1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
REV1.2
www.3peakic.com
Pin Configuration (Top View) 
 
 
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
TP2121
TP2121-TR
5-Pin SOT23
Tape and Reel, 3,000
B2TYW
(1)
TP2121-CR
5-Pin SC70
Tape and Reel, 3,000
B2CYW
(1)
TP2121-SR
8-Pin SOIC
Tape and Reel, 4,000
2121S
TP2121U
TP2121U-TR
5-Pin SOT23
Tape and Reel, 3,000
B2UYW
(1)
TP2121N
TP2121N-TR
6-Pin SOT23
Tape and Reel, 3,000
B2NYW
(1)
TP2121N-VR
8-Pin MSOP
Tape and Reel, 3,000
2121N
TP2121N-SR
8-Pin SOIC
Tape and Reel, 4,000
2121NS
TP2122
TP2122-SR
8-Pin SOIC
Tape and Reel, 4,000
B22S
TP2122-VR
8-Pin MSOP
Tape and Reel, 3,000
B22V
TP2124
TP2124-SR
14-Pin SOIC
Tape and Reel, 2,500
B24S
TP2124-TR
14-Pin TSSOP
Tape and Reel, 3,000
B24T
Note (1): ‘YW’ is date coding scheme. 'Y' stands for calendar year, and 'W' stands for single workweek coding scheme.
Absolute Maximum Ratings Note 1
Supply Voltage: V
+ – V–....................................6.0V
Input Voltage............................. V
– – 0.3 to V+ + 0.3
Input Current: +IN, –IN, SHDN Note 2.............. ±10mA
SHDN Pin Voltage……………………………V
– to V+
Output Current: OUT.................................... ±20mA
Output Short-Circuit Duration Note 3…......... Indefinite
Operating Temperature Range.......–40°C to 125°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range.......... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power supply, the input
current should be limited to less than 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com