Electronic Components Datasheet Search
  English  ▼

X  

TP2124 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TP2124
Description  1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2124 Datasheet(HTML) 5 Page - 3PEAK INC.

  TP2124 Datasheet HTML 1Page - 3PEAK INC. TP2124 Datasheet HTML 2Page - 3PEAK INC. TP2124 Datasheet HTML 3Page - 3PEAK INC. TP2124 Datasheet HTML 4Page - 3PEAK INC. TP2124 Datasheet HTML 5Page - 3PEAK INC. TP2124 Datasheet HTML 6Page - 3PEAK INC. TP2124 Datasheet HTML 7Page - 3PEAK INC. TP2124 Datasheet HTML 8Page - 3PEAK INC. TP2124 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
          
5 
TP2121/TP2121N/TP2122/TP2124
1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
www.3peakic.com
REV1.2
Typical Performance Characteristics
Small-Signal Step Response, 100mV Step
2.40
2.45
2.50
2.55
2.60
35
79
2ms/div
Gain = +1
VIN Step = 100mV
CLOAD = 60pF
 
Large-Signal Step Response, 2V Step
1
2
3
4
25
8
11
3ms/div
Gain = +1
CLOAD = 60pF
RLOAD = 100kΩ
Open-Loop Gain and Phase
-50
0
50
100
150
1E-3
1E-1
1E+1
1E+3
1E+5
1E+7
FREQUENCY (Hz)
Gain = 1
RLOAD = 100kΩ
CLOAD = 60pF
Phase
Gain
 
Phase Margin vs. CLOAD (Stable for Any CLOAD)
0
20
40
60
80
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
Load Capacitance (pF)
Gain = +1
RLOAD = 100kΩ
Input Voltage Noise Spectral Density
100
1k
10k
1E-1
1E+0
1E+1
1E+2
1E+3
FREQUENCY (Hz)
 
Common-Mode Rejection Ratio
30
60
90
120
150
1E-3
1E-1
1E+1
1E+3
1E+5
1E+7
Frequency (Hz)
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com