Electronic Components Datasheet Search
  English  ▼

X  

SP4522 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # SP4522
Description  Synchronous charge and discharge mobile power SOC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

SP4522 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  SP4522 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP4522
同步充放电移动电源
SOC
Ver1.2
TPOWER Semiconductor
1
深圳市天源中芯半导体有限公司
概述
SP4522 是一款专为移动电源设计的同步开关充电和同步
升压的单芯片解决方案
,内部集成了同步开关充电模块、同
步升压放电管理模块、电量检测与
LED 指示模块、保护模
块。
SP4522 内置充电与放电功率 MOS,充电电流为 2.1A,同
步升压输出电流为
2.4A。
SP4522 采用专利的充电电流自适应技术以适应小电流适
配器,同时采用专利的控制方式省去外部的功率设定电阻,
降低功耗的同时降低系统成本。
SP4522 内部集成了温度补偿、过温保护、过充与过放保护、
输出过压保护、输出重载保护、输出短路保护等多重安全
保护功能以保证芯片和锂离子电池的安全
,应用电路简单,
只需很少元件便可实现充电管理与放电管理。
特点
 支持边充边放
 放电输出:5V/2.4A
 充电电流:2 .1A
 充电效率高达 96%
 放电效率高达 96%
 无需昂贵的功率设定电阻
 充电电流自适应技术
 BAT 放电终止电压:2.9V
 可选 4.2V/4.35V 充电电压
 智能温度控制与过温保护
 集成输出过压保护、短路保护、重载保护
 集成过充与过放保护
 支持涓流模式以及零电压充电
 支持手电筒功能,3.7V 可输出 50mA
 封装形式:ESOP8
应用
 移动电源
典型应用应用电路


Similar Part No. - SP4522

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP45001 SIPAT-SP45001 Datasheet
155Kb / 4P
450MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP4501 SIPEX-SP4501 Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EN SIPEX-SP4501EN Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EY SIPEX-SP4501EY Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501NEB SIPEX-SP4501NEB Datasheet
137Kb / 13P
EL Plus Piezo Driver
More results

Similar Description - SP4522

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5312 INJOINIC-IP5312 Datasheet
1Mb / 17P
3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
logo
Shenzhen Tianyuan Semic...
SP4502 TPOWER-SP4502 Datasheet
580Kb / 7P
Synchronous charge and discharge mobile power SOC
TP4213 TPOWER-TP4213 Datasheet
486Kb / 6P
Charge and discharge indication small volume mobile power solution
TP4302B TPOWER-TP4302B Datasheet
738Kb / 7P
2.1A Synchronous Mobile Power SOC
logo
Shenzhen Huazhimei Semi...
HM5805A HMSEMI-HM5805A Datasheet
839Kb / 7P
2.1A Switch Charge and Discharge Mobile Power Management Solution
HM5807 HMSEMI-HM5807 Datasheet
567Kb / 6P
Synchronous charge and discharge mobile power SOC
HM5914 HMSEMI-HM5914 Datasheet
597Kb / 7P
Synchronous charge and discharge mobile power SOC
HM5818 HMSEMI-HM5818 Datasheet
517Kb / 5P
Lithium battery charge and discharge SOC
HM5819 HMSEMI-HM5819 Datasheet
547Kb / 5P
Lithium battery charge and discharge SOC
logo
Injoinic Technology Co....
IP5407 INJOINIC-IP5407 Datasheet
1Mb / 13P
2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
V1.31 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com