Electronic Components Datasheet Search
  English  ▼

X  

SP4522 Datasheet(PDF) 3 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # SP4522
Description  Synchronous charge and discharge mobile power SOC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

SP4522 Datasheet(HTML) 3 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  SP4522 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4522 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SP4522
同步充放电移动电源
SOC
Ver1.2
TPOWER Semiconductor
3
深圳市天源中芯半导体有限公司
电气参数
无特殊说明,
VDD=5V,Ta=25℃
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
充电输入电压
4.5
5
5.5
V
VBAT
预设充电电压
针对
4.2V 规格
4.15
4.2
4.25
V
针对
4.35V 规格
4.30
4.35
4.4
V
△
VRECHRG
再充电阈值电压
VBAT-VRECHRG
150
mV
IBAT
BAT 恒流充电电流
VBAT=3.7V
1.9
2.1
2.3
A
ITRK
BAT 涓流充电电流
VBAT=2.5V
150
mA
IFULL
BAT 截止充电电流
150
mA
VTRK
涓流充电阈值电压
VBAT 上升
2.9
V
VTRK_HYS
涓流充电滞回电压
100
mV
TST
充电温度补偿阈值
110
℃
TZERO
充电零电流温度
130
℃
VUV_BAT
BAT 欠压锁定阈值电
压
VBAT 上升
3.2
V
VWN_BAT
BAT 低压报警电压
VBAT 下降
3.05
V
VBAT_END
BAT 放电终止电压
2.8
2.9
3.0
V
ISD_BAT
BAT 待机电流
VBAT=3.7V
50
80
uA
VSD
VDD-VBAT 锁定阈值
VDD 上升
130
mV
VDD 下降
60
mV
VOUT
升压输出电压
ILOAD=2A,VBAT=3.7V
4.8
5V
5.2
V
TSD
过温保护阈值
温度上升
130
140
150
℃
THYS
过温保护滞回
30
℃
ILEDx
LEDx 驱动电流
BAT=4V
2
mA
FLEDx_C
LEDx 充电闪烁频率
1
Hz
FLED1_WN
LED1 低电闪烁频率
2
Hz
FOSC
升压电路工作频率
400
550
700
KHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com