Electronic Components Datasheet Search
  English  ▼

X  

KT0803L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KT0803L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KT0803L Datasheet HTML 1Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 2Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
2
KT0803L
1 Operation Condition
Table 1: Operation Condition
Parameter
Symbol
Operating Condition
Min
Typ
Max
Units
1.8V Analog Supply1
VDD
Relative to GND
1.6
1.8
2.0
V
IO/Regulator Supply
IOVDD
Relative to GND
1.6
3.6
V
Operating Temp
TA
Ambient Temperature
0
25
70
°C
Note: 1. No external voltage should be applied to this supply. Decoupling cap should be used instead
2 Specifications and Features
Table 2: FM Transmitter Functional Parameters (Unless otherwise noted TA = 0-70 oC,
IOVDD=1.6~3.6 V, Fin = 1 kHz)
Parameter
Symbol
Test/Operating
Condition
Min
Nom
Max
Units
FM Frequency Range
Ftx
Pin 16
70
108
MHz
Current Consumption
IVDD
Pin 4 with PA (power
amp.) at default power
mode (PA_bias = 0,
RFGAIN[3:0]=1111)
-
17
mA
Standby Current
Istand
Pin 4
-
0.1
1
μA
Signal to Noise Ratio
SNR
Vin = 1 Vp-p, Gin = 0
-
66
-
dB
Total Harmonic Distortion
THD
Vin = 1 Vp-p, Gin = 0
-
0.3
%
Left/Right Channel Balance
BAL
Vin = 1 Vp-p, Gin = 0
-0.2
-
0.2
dB
Stereo Separation (Left<->Right)
SEP
Vin = 1 Vp-p, Gin = 0
40
-
dB
Sub Carrier Rejection Ratio
SCR
Vin = 1 Vp-p, Gin = 0
-
-
60
dB
Input Swing1
Vin
Single-ended input
-
0.35
2
VRMS
PGA Range for Audio Input
Gin
-15
0
12
dB
PGA Gain Step for Audio Input
Gstep
1
4
dB
Required Input Common-Mode
Voltage when DC-coupled
Vcm
Pin 6,7
0
0.8
1.8
V
Power Supply Rejection2
PSRR
IOVDD = 1.9 ~ 3.6 V
40
-
-
dB
Ground Bounce Rejection2
GSRR
IOVDD = 1.9 ~ 3.6 V
40
-
-
dB
Input Resistance (Audio Input)
Rin
Pin 6, 7
120
150
180
kΩ
Input Capacitance (Audio Input)
Cin
Pin 6, 7
0.5
0.8
1.2
pF
Audio Input Frequency Band
Fin
Pin 6, 7
20
-
15k
Hz
Transmit Level
Vout
96
103
113
dBµV
Channel Step
STEP
-
50
kHz
Pilot Deviation
7.5
15
kHz
Audio Deviation
75
112.5
kHz
Frequency Response
Mono,-3dB, ΔF=60kHz,
50/75μs pre-emphasis
30
15k
Hz
Pre-emphasis Time Constant
Tpre
PHTCNST = 1
-
50
-
µs
PHTCNST = 0
-
75
-
µs
Crystal/External Clock
CLK
Input clock
32.768
40,000
KHz
2-wire I2C Clock
SCL
Pin 14
0
100
400
kHz
High Level Input Voltage
VIH
Pin 8, 9, 10, 13, 14
0.75 x
IOVDD
-
IOVDD
+ 0.25
V
Low Level Input Voltage
VIL
Pin 8, 9, 10, 13, 14
- 0.25
-
0.25 x
IOVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com