Electronic Components Datasheet Search
  English  ▼

X  

KT0803L Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # KT0803L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803L Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button KT0803L Datasheet HTML 15Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 16Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 17Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 18Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 19Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 20Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 21Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 22Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
21
KT0803L
11 Package Outline
Symbols
(MILLIMETERS)
Symbols
(MILLIMETERS)
MIN
NOM MAX
MIN
NOM
MAX
A
1.75
D
9.70
9.90
10.10
A1
0.10
0.25
E
5.80
6.00
6.20
A2
1.30
1.40
1.50
E1
3.70
3.90
4.10
A3
0.60
0.65
0.70
e
1.27BSC
b
0.39
0.48
h
0.25
0.50
b1
0.38
0.41
0.43
L
0.50
0.80
c
0.21
0.26
L1
1.05BSC
C1
0.19
0.20
0.21
θ
0
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com