Electronic Components Datasheet Search
  English  ▼

X  

KT0803L Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KT0803L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803L Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KT0803L Datasheet HTML 1Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 2Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0803L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
5
KT0803L
CURRENT ADDRESS READ: The internal data register address counter maintains the last address
accessed during the last read or write operation, incremented by one. This address stays valid between
operations as long as the chip power is maintained.
Once the device address with the read/write select bit set to “1” is clocked in and acknowledged by the
KT0803L, the current address data word is serially clocked out. The microcontroller does not respond with
an input “0” but does generate a following stop condition (see Figure 4).
CURRENT REGISTER READ PROCEDURE
S 0 1 1 1 1 1 0 R A
A P
7 bit address
data
Acknowledge
STOP condition
START condition
READ command
NO Acknowledge
Figure 4: Serial Interface Protocol
Note: The serial controller supports slave mode only. Any register can be addressed randomly.
The address of the slave in the first 7 bits and the 8th bit tells whether the master is receiving data from the
slave or transmitting data to the slave. The I2C write address is 0x7C and the read address is 0x7D.
3.2 Slave Mode Protocol
With reference to the clocking scheme shown in Figure 5, the serial interface operates in the following
manner:
Figure 5: Serial Interface Slave Mode Protocol
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data
on the SDA pin may change only during SCL low time periods (see Figure 6). Data changes during SCL
high periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command (see Figure 7).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read
sequence, the stop command will place the KT0803L in a standby power mode (see Figure 7).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the KT0803L in 8-
bit words. The KT0803L sends a “0” to acknowledge that it has received each word. This happens during
the ninth clock cycle (see Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com