Electronic Components Datasheet Search
  English  ▼

X  

2SC6024 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # 2SC6024
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6024 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button 2SC6024 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 13Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 14Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2SC6024
No.8290-14/15
S Parameters (Common emitter)
VCE=3V, IC=25mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.57
--47.1
25.29
139.7
0.02
75.7
0.77
--34.5
400
0.43
--83.6
18.16
115.0
0.04
72.6
0.57
--54.6
600
0.36
--107.3
13.03
101.9
0.05
73.3
0.45
--66.3
800
0.32
--124.3
9.96
93.9
0.07
73.8
0.37
--74.5
1000
0.30
--136.2
7.99
88.5
0.08
74.1
0.32
--81.0
1200
0.29
--145.8
6.68
84.2
0.09
73.5
0.28
--86.1
1400
0.29
--153.4
5.74
80.5
0.11
73.3
0.26
--90.7
1600
0.29
--159.7
5.04
77.3
0.12
72.8
0.24
--94.8
1800
0.29
--165.3
4.49
74.3
0.14
72.0
0.23
--98.8
2000
0.29
--170.2
4.06
71.5
0.15
71.5
0.22
--102.6
2200
0.29
--174.6
3.71
68.8
0.16
70.7
0.22
--106.1
2400
0.29
--178.8
3.42
66.2
0.18
69.9
0.21
--109.7
2600
0.29
177.4
3.17
63.7
0.19
69.1
0.21
--112.9
2800
0.29
174.0
2.96
61.3
0.21
68.2
0.21
--115.8
3000
0.29
170.8
2.79
59.0
0.22
67.3
0.21
--118.6
3200
0.30
167.7
2.63
56.6
0.23
66.3
0.21
--121.9
3400
0.30
165.0
2.50
54.4
0.25
65.4
0.21
--124.8
3600
0.30
162.0
2.38
52.2
0.26
64.4
0.21
--127.8
3800
0.31
159.3
2.28
49.9
0.28
63.2
0.22
--130.7
4000
0.31
157.3
2.18
47.8
0.29
62.2
0.22
--133.6
4200
0.31
154.3
2.09
45.6
0.31
61.0
0.22
--136.5
4400
0.32
152.1
2.02
43.5
0.32
59.8
0.23
--139.1
4600
0.32
149.9
1.94
41.4
0.34
58.5
0.23
--142.2
4800
0.33
147.4
1.88
39.4
0.35
57.4
0.24
--145.1
5000
0.33
145.4
1.82
37.4
0.36
56.2
0.24
--147.7
5200
0.34
143.2
1.76
35.4
0.38
54.9
0.25
--150.5
5400
0.34
141.0
1.71
33.6
0.39
53.7
0.25
--153.3
5600
0.35
138.8
1.66
31.7
0.40
52.4
0.26
--155.9
5800
0.35
136.7
1.62
29.8
0.42
51.2
0.26
--158.2
6000
0.35
134.8
1.58
28.1
0.43
49.9
0.26
--160.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com