Electronic Components Datasheet Search
  English  ▼

X  

2SC6024 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC6024
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6024 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC6024 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2SC6024
No.8290-4/15
SPICE PARAMETERS
model : Gummel-Poon
Parameter
Value
Unit
Parameter
Value
Unit
IS
124.2a
A
XTF
10.00m
BF
168.7
VTF
8
V
NF
1.007
ITF
549.7m
A
VAF
5.762
V
PTF
25
°C
IKF
141.1m
A
CJC
168.1f
F
ISE
181.0f
A
VJC
165.7m
V
NE
2.295
MJC
571.4m
BR
11.54
XCJC
330.0m
NR
1
TR
10.00p
S
VAR
3.43
V
FC
800.0m
IKR
21.00m
A
CJS
0
F
ISC
1.800f
A
VJS
0
V
NC
1.24
MJS
0
RB
2.86
Ω
Lfc
188.0p
H
IRB
100.0
µ
A
Lwb
1.222n
H
RBM
1.254
Ω
Lfb
180.0p
H
RE
1.297
Ω
Lwe
423.0p
H
RC
2.552
Ω
Lfe
256.0p
H
XTB
0
Ccb
18.00f
F
EG
1.11
eV
Cbe
1.22f
F
XTI
3
Cec
13.00f
F
CJE
98.40f
F
Cbc
328.0f
F
VJE
10
V
Ceb
358.0f
F
MJE
100.0m
Cce
280.0f
F
TF
4.500p
S
SCHEMATIC
*Information (including circuit diagrams and circuit parameters) herein is for example only ;
it is not guaranteed for volume production.
Lwe
Lwb
Cbe
Ceb
Cec
Ccb
Cbc
Cce
Lfe
Lfb
Lfc
1
6
2
4
7
3
5
8
IT09565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com