Electronic Components Datasheet Search
  English  ▼

X  

2SC6024 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6024
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6024 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6024 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2SC6024
No.8290-3/15
--45
--40
--35
--30
--25
--20
--15
--10
--5
0
--30
--40
--10
--20
0
10
20
Input Level, Pin -- dB
IT08195
Pin -- Pout
1.0
10
23
5
7
7
23
5
2
5
5
2
3
3
7
10
Collector Current, IC -- mA
IT08205
fT -- IC
Collector Current, IC -- mA
IT08197
NF -- IC
0
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Collector Current, IC -- mA
IT08196
NF -- IC
f=2.0GHz
VCE=3V
IC=15mA
0
5
10
15
20
25
1.0
23
5
7
23
5
7
10
S21e2 -- IC
Collector Current, IC -- mA
IT08203
0
5
10
15
20
25
1.0
23
5
7
2
3
5
7
10
S21e2 -- IC
Collector Current, IC -- mA
IT08204
f=2GHz
0
20
40
60
80
100
120
140
160
IT08206
PC -- Ta
Ambient Temperature, Ta --
°C
0
0
100
120
140
80
60
40
20
Z S
=50
Ω
Z S
=Zsopt
f=1GHz
V CE
=3V
1V
VCE
=3V
1V
1V
V CE
=3V
f=2.0GHz
VCE=3V
ZS=Zsopt
ZS=50
Ω
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ZS=50
Ω
ZS=Zsopt
f=2.0GHz
VCE=1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com