Electronic Components Datasheet Search
  English  ▼

X  

SV7321 Datasheet(PDF) 3 Page - Savitech Corp.

Part # SV7321
Description  General Purpose CMOS Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7321 Datasheet(HTML) 3 Page - Savitech Corp.

  SV7321 Datasheet HTML 1Page - Savitech Corp. SV7321 Datasheet HTML 2Page - Savitech Corp. SV7321 Datasheet HTML 3Page - Savitech Corp. SV7321 Datasheet HTML 4Page - Savitech Corp. SV7321 Datasheet HTML 5Page - Savitech Corp. SV7321 Datasheet HTML 6Page - Savitech Corp. SV7321 Datasheet HTML 7Page - Savitech Corp. SV7321 Datasheet HTML 8Page - Savitech Corp. SV7321 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Savitech
SV7321, SV7358, SV7324
SV7321, SV7358, SV7324
www.savitech-ic.com
3
Absolute Maximum Ratings
Symbol
Parameter
SV7321
SV7324
SV7358
Unit
VCC
Supply voltage
7.5
V
Vin
Input voltage
-0.5 to 7.5
V
Output short-circuit duration
Infinite
Iin
Input current : Vin driven negative
Input current : Vin driven positive above
5 mA in DC or 50 mA in AC (duty cycle = 10%, T=1s)
mA
Toper
Operating free-air temperature range
-40 to +85
°C
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
SOP-14
MSOP-8
SOT23-5
103
216
190
°C/W
ESD
HBM: human body mode
8K
V
MM: machine mode
400
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SAVITECH recommends that
all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the
device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com