Electronic Components Datasheet Search
  English  ▼

X  

SV7321 Datasheet(PDF) 9 Page - Savitech Corp.

Part # SV7321
Description  General Purpose CMOS Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7321 Datasheet(HTML) 9 Page - Savitech Corp.

Back Button SV7321 Datasheet HTML 4Page - Savitech Corp. SV7321 Datasheet HTML 5Page - Savitech Corp. SV7321 Datasheet HTML 6Page - Savitech Corp. SV7321 Datasheet HTML 7Page - Savitech Corp. SV7321 Datasheet HTML 8Page - Savitech Corp. SV7321 Datasheet HTML 9Page - Savitech Corp. SV7321 Datasheet HTML 10Page - Savitech Corp. SV7321 Datasheet HTML 11Page - Savitech Corp. SV7321 Datasheet HTML 12Page - Savitech Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Savitech
SV7321, SV7358, SV7324
SV7321, SV7358, SV7324
www.savitech-ic.com
9
SOP-14 MECHANICAL DATA
*Notes:
Dimension “D” does not include mold flash,
Protrusions or gate burrs.
Mold flash, protrusions and gate burrs shall not
exceed 0.15 MM (0.006 Inch) per side.
Symbol
Dimension in MM
Dimension in Inch
Min.
Max.
Min.
Max.
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.004
0.0098
B
0.33
0.51
0.013
0.02
C
0.19
0.25
0.0075
0.0098
e
1.27BSC
0.050 BSC
D
8.55
8.75
0.3367
H
5.80
6.20
0.2284
0.344
E
3.80
4.00
0.1497
0.244
L
0.40
1.27
0.016
0.1574
h
0.25
0.50
0.0099
0.0196
0*
8*
0*
8*
JEDEC
MS-012 (AB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com