Electronic Components Datasheet Search
  English  ▼

X  

SV7321 Datasheet(PDF) 4 Page - Savitech Corp.

Part # SV7321
Description  General Purpose CMOS Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7321 Datasheet(HTML) 4 Page - Savitech Corp.

  SV7321 Datasheet HTML 1Page - Savitech Corp. SV7321 Datasheet HTML 2Page - Savitech Corp. SV7321 Datasheet HTML 3Page - Savitech Corp. SV7321 Datasheet HTML 4Page - Savitech Corp. SV7321 Datasheet HTML 5Page - Savitech Corp. SV7321 Datasheet HTML 6Page - Savitech Corp. SV7321 Datasheet HTML 7Page - Savitech Corp. SV7321 Datasheet HTML 8Page - Savitech Corp. SV7321 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Savitech
SV7321, SV7358, SV7324
SV7321, SV7358, SV7324
www.savitech-ic.com
4
Electrical Characteristics
Vs = +5V, TA = +25°C, VCM = VS/2, RL = 600Ω , unless otherwise noted
PARAMETER
CONDITION
TYP
MIN/MAX OVER TEMOERATURE
+25°C
+25°C
-40°C
to
85°C
UNITS
MIN/MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
1
3
3.7
mV
MAX
Input Bias Current (IB)
1
pA
TYP
Input Offset Current (IOS)
1
pA
TYP
Common-Mode Voltage Range (VCM)
VS = 5.5V
-0.1 to +5.6
V
TYP
Common-Mode Rejection Ration (CMRR)
VS = 5.5V, VCM = -0.1V to 4V
91
75
73
dB
MIN
VS = 5.5V, VCM = -0.1V to 5.6V
86
64
63
dB
MIN
Open-Loop Voltage Gain (AOL)
RL = 600Ω , VO = 0.15V to 4.85V
80
70
dB
MIN
RL = 10kΩ , VO = 0.05V to 4.95V
85
75
dB
MIN
Input Offset Voltage Drift (Δ VOS/Δ T)
2.1
μ V/°C
TYP
OUTPUT CHARACTERISITICS
Output Voltage Swing from Rail
RL = 600Ω
0.1
V
TYP
RL = 100kΩ
0.015
V
TYP
Output Current (IOUT)
25
20
18
mA
MIN
POWER SUPPLY
Operating Voltage Range
2.1
2.1
V
MIN
5.5
5.5
V
MAX
Power Supply Rejection Ratio (PSRR)
VS = +2.5V to +5.5V
VCM = (-VS) + 0.5V
80
70
78
dB
MIN
Quiescent Current/ Amplifier (IQ)
IOUT = 0
60
85
uA
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
RL = 600Ω
1.2
MHz
TYP
Phase Margin (Φ o)
63.5
degree
TYP
Full Power Bandwidth (BWp)
< 1% distortion
400
kHz
TYP
Slew Rate (SR)
G = +1, 2V Output Step
0.38
V/μ s
TYP
Settling Time to 0.1% (ts)
G = +1, 2V Output Step
0.36
μ s
TYP
Overload Recovery Time
Vin Gain = Vs
0.4
μ s
TYP
NOISE PERFORMANCE
Voltage Noise Density
f = 1kHz
20
nV/√Hz
TYP
f = 10kHz
14
nV/√Hz
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com