Electronic Components Datasheet Search
  English  ▼

X  

MA2003 Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA2003
Description  1.2MHz, High Voltage, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2003 Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA2003 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
MA2003
Major Power Technology Co., Ltd.
Rev.1.0
Oct.11, 2014
FUNCTION DESCRIPTION
Setting the Output Voltage
Application circuit item shows the basic application circuit with MA2003 adjustable
output version. The external resistor sets the output voltage according to the following
equation:
)
R1
R2
(1
1.238V x
OUT
V
Table 1—Resistor Selection for Common Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
12
54
470
16
39
470
24
39
720
27
36
750
For most applications, R2 is a suggested a value by 300K~850KΩ. Place the
resistor-divider as close to the IC as possible to reduce the noise sensitivity.
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is
included that disables the device, if the input voltage falls below (2.25V-200mV).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to the
input. A low ESR input capacitor sized for maximum RMS current must be used. Ceramic
capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR
and small temperature coefficients. A 4.7µF ceramic capacitor for most applications is
sufficient. For a lower output power requirement application, this value can be decreased.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure
regulation loop stability. The output capacitor must have low impedance at the switching
frequency. Ceramic capacitors with X5R or X7R dielectrics are recommended due to their
low ESR and high ripple current. A 2.2uF ceramic capacitors works for most of the
applications. Higher capacitor values can be used to improve the load transient response.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com