Electronic Components Datasheet Search
  English  ▼

X  

MA2003 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA2003
Description  1.2MHz, High Voltage, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2003 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA2003 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA2003
Major Power Technology Co., Ltd.
Rev.1.0
Oct.11, 2014
1.2MHz, High Voltage, Boost Converter
GENERAL DESCRIPTION
The MA2003 is a current mode step up converter intended for small, low power applications.
The converter input voltage ranging from 2.6V to 5.5V. The Output voltage can be set up to
28V. The frequency is 1.2MHz allows the use of small external inductors and capacitors and
provides fast transient response. Internal soft start results in small inrush current and extends
battery life. Internal power MOSFET with very low RDS (ON) provides high efficiency. The
MA2003 automatically transits from PWM to PFM during light load condition further increasing
efficiency. The converter also provides protection functions such as under-voltage lockout,
current limit and thermal shutdown. The MA2003 is available in 5-pin SOT23 packages.
FEATURES
-
2.5V to 5.5V operating input voltage range
-
1.2MHz Fixed Switching Frequency
-
Adjustable output voltage range up to 28V
-
Internal 1.2A switching current limit
-
Internal Soft-start Function
-
Current limit and Thermal shutdown protection
-
Under voltage Lockout
-
Available in the 5-pin SOT23 Packages
APPLICATIONS
-
Cellular Phones
-
Digital Cameras
-
Tablet PC and Handheld Computers
-
PDA, DVD and GPS Receivers
-
Portable Instruments


Similar Part No. - MA2003

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
logo
M-System Co.,Ltd.
MA200 MSYSTEM-MA200 Datasheet
111Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
amphenol-sensors
MA200 AMPHENOLADVANCEDSENSORS-MA200 Datasheet
346Kb / 4P
Biomedical Chip NTC Thermistors
03/2020
logo
Tiger Electronic Co.,Lt...
MA2000 TGS-MA2000 Datasheet
200Kb / 6P
Silicon planar type
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
More results

Similar Description - MA2003

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com