Electronic Components Datasheet Search
  English  ▼

X  

MA2003 Datasheet(PDF) 7 Page - Major-Power Technology Co., LTD.

Part # MA2003
Description  1.2MHz, High Voltage, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2003 Datasheet(HTML) 7 Page - Major-Power Technology Co., LTD.

  MA2003 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
MA2003
Major Power Technology Co., Ltd.
Rev.1.0
Oct.11, 2014
Package Outlines
L
e1
D
b(5x)
DETAL A
L1
1(4x)
2(4x)
e
GAUGE PLANE
θ
θ
θ
DETAL A
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
-
1.35
0.041
-
0.053
A1
0.05
-
0.15
0.002
-
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.30
-
0.50
0.012
-
0.020
C
0.08
-
0.22
0.003
-
0.009
D
2.80
2.90
3.00
0.110
0.114
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
E
2.60
2.80
3.00
0.102
0.110
0.118
L
0.30
-
0.60
0.012
-
0.024
L1
0.50
0.60
0.70
0.020
0.024
0.028
e1
1.80
1.90
2.00
0.071
0.075
0.079
e
0.85
0.95
1.05
0.033
0.037
0.041
θ
0o
4o
8o
0o
4o
8o
θ1
5o
10o
15o
5o
10o
15o
θ2
5o
10o
15o
5o
10o
15o



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com