Electronic Components Datasheet Search
  English  ▼

X  

FIR4525DG Datasheet(PDF) 4 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR4525DG
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR4525DG Datasheet(HTML) 4 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR4525DG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 9Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Apr,
Apr,
Apr,
Apr, 2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
0
0
0
03
3
3
3
FIR4525DG
Apr,
Apr,
Apr,
Apr, 2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
0
0
0
02
2
2
2
N- Channel Typical Electrical and Thermal Characteristics (Curves)
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1:Switching Test Circuit
Vds Drain-Source Voltage (V)
Figure 3 Output Characteristics
ID- Drain Current (A)
Figure 5 Drain-Source On-Resistance
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Vgs Gate-Source Voltage (V)
Figure 4 Transfer Characteristics
TJ-Junction Temperature(℃)
Figure 6 Drain-Source On-Resistance
www.First-semi.com
Page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com