Electronic Components Datasheet Search
  English  ▼

X  

FIR4525DG Datasheet(PDF) 3 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR4525DG
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR4525DG Datasheet(HTML) 3 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR4525DG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 9Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Apr,
Apr,
Apr,
Apr, 2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
0
0
0
02
2
2
2
FIR4525DG
P-CH Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-40
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-40V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
-
±10
μA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.0
-1.5
-2.0
V
VGS=-10V, ID=-5A
-
32
38
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4A
-
39
50
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-5A
10
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
948
-
PF
Output Capacitance
Coss
-
98
-
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
-
72
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
6.2
-
nS
Turn-on Rise Time
tr
-
8.4
-
nS
Turn-Off Delay Time
td(off)
-
44.8
-
nS
Turn-Off Fall Time
tf
VDD=-20V, RL=2.3Ω
VGS=-10V,RGEN=6Ω
-
16
-
nS
Total Gate Charge
Qg
-
18
-
nC
Gate-Source Charge
Qgs
-
3.4
-
nC
Gate-Drain Charge
Qgd
VDS=-20V,ID=-5A
VGS=-10V
-
3.2
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-5A
-
-
-1.2
V
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4.
Guaranteed by design, not subject to production
www.First-semi.com
Page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com