Electronic Components Datasheet Search
  English  ▼

X  

FIR4525DG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR4525DG
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR4525DG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR4525DG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4525DG Datasheet HTML 9Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Apr,
Apr,
Apr,
Apr, 2012-Ver4.5
2012-Ver4.5
2012-Ver4.5
0
0
0
01
1
1
1
FIR4525DG
N and P-Channel Enhancement Mode Power MOSFET
Description
The FIR4525DG uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS = 40V,ID =7A
RDS(ON) < 24mΩ @ VGS=10V
RDS(ON) < 38mΩ @ VGS=4.5V
● P-Channel
VDS = -40V,ID = -5A
RDS(ON) < 38mΩ @ VGS=-10V
RDS(ON) <50mΩ @ VGS=-4.5V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Schematic diagram
Marking and pin assignment
SOP-8
top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
FIR4525D
FIR4525DG
SOP-8
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
40
-40
V
Gate-Source Voltage
VGS
±10
±10
V
TA=25℃
7
-5
Continuous Drain Current
TA=70℃
ID
5.8
-4.2
A
Pulsed Drain Current
(Note 1)
IDM
30
-30
A
Maximum Power Dissipation
TA=25℃
PD
2.0
2.0
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
Thermal Characteristic
N-channel
P-channel
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/9


Similar Part No. - FIR4525DG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR40N10BPG FOSTER-FIR40N10BPG Datasheet
5Mb / 7P
N-Channel Enhancement Mode Power Mosfet
FIR40N10LG FOSTER-FIR40N10LG Datasheet
4Mb / 7P
N-Channel Enhancement Mode Power Mosfet
FIR40N10PG FOSTER-FIR40N10PG Datasheet
4Mb / 7P
N-Channel Enhancement Mode Power MOSFET
FIR40N20FG FOSTER-FIR40N20FG Datasheet
4Mb / 7P
N-Channel Enhancement Mode Power Mosfet
FIR40N20LG FOSTER-FIR40N20LG Datasheet
4Mb / 7P
N-Channel Enhancement Mode Power Mosfet
More results

Similar Description - FIR4525DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com