Electronic Components Datasheet Search
  English  ▼

X  

MSM7579 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7579
Description  Single Rail CODEC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7579 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7579 Datasheet HTML 2Page - OKI electronic componets MSM7579 Datasheet HTML 3Page - OKI electronic componets MSM7579 Datasheet HTML 4Page - OKI electronic componets MSM7579 Datasheet HTML 5Page - OKI electronic componets MSM7579 Datasheet HTML 6Page - OKI electronic componets MSM7579 Datasheet HTML 7Page - OKI electronic componets MSM7579 Datasheet HTML 8Page - OKI electronic componets MSM7579 Datasheet HTML 9Page - OKI electronic componets MSM7579 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
6/18
DG
Ground for the digital signal circuits.
This ground is separate from the analog signal ground. The DG pin must be connected to the AG
pin on the printed circuit board to make a common analog ground.
PDN
Power down control signal.
A logic "0" level drives both transmit and receive circuits to a power down state.
PCMOUT
PCM signal output.
The PCM output signal is output from MSD in a sequential order, synchronizing with the rising
edge of the BCLK signal.
MSD may be output at the rising edge of the XSYNC signal, based on the timing between BCLK
and XSYNC.
This pin is in a high impedance state except during 8-bit PCM output. It is also in a high
impedance state during power saving or power down mode.
A pull-up resistor must be connected to this pin because its output is configured as an open drain.
This device is compatible with the ITU-T recommendation on coding law and output coding
format.
The MSM7579 (A-law) outputs the character signal, inverting the even bits.
Input/Output Level
+Full scale
+0
–0
–Full scale
PCMIN/PCMOUT
MSM7578H (
m-law)
MSD
1000
0000
1111
1111
0111
1111
0000
0000
MSM7579 (A-law)
MSD
1010
1010
1101
0101
0101
0101
0010
1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com