Electronic Components Datasheet Search
  English  ▼

X  

MSM7579 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7579
Description  Single Rail CODEC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7579 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7579 Datasheet HTML 3Page - OKI electronic componets MSM7579 Datasheet HTML 4Page - OKI electronic componets MSM7579 Datasheet HTML 5Page - OKI electronic componets MSM7579 Datasheet HTML 6Page - OKI electronic componets MSM7579 Datasheet HTML 7Page - OKI electronic componets MSM7579 Datasheet HTML 8Page - OKI electronic componets MSM7579 Datasheet HTML 9Page - OKI electronic componets MSM7579 Datasheet HTML 10Page - OKI electronic componets MSM7579 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
7/18
SG
Signal ground voltage output.
The output voltage is 1/2 of the power supply voltage.
The output drive current capability is
±300 mA.
This pin provides the SG level for CODEC peripherals.
This output voltage level is undefined during power saving or power down mode.
SGC
Used to generate the signal ground voltage level by connecting a bypass capacitor.
Connect a 0.1 mF capacitor with excellent high frequency characteristics between the AG pin and
the SGC pin.
ALAW
Control signal input of the companding law selection.
Provides only for the MSM7578VRS/7578VGS-K/7578VMS-K. The CODEC will operate in the
m-law when this pin is at a logic "0" level and the CODEC will operate in the A-law when this pin
is at a logic "1" level. The CODEC operates in the m-law if the pin is left open, since the pin is
internally pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com