Electronic Components Datasheet Search
  English  ▼

X  

MSM7579 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM7579
Description  Single Rail CODEC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7579 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM7579 Datasheet HTML 10Page - OKI electronic componets MSM7579 Datasheet HTML 11Page - OKI electronic componets MSM7579 Datasheet HTML 12Page - OKI electronic componets MSM7579 Datasheet HTML 13Page - OKI electronic componets MSM7579 Datasheet HTML 14Page - OKI electronic componets MSM7579 Datasheet HTML 15Page - OKI electronic componets MSM7579 Datasheet HTML 16Page - OKI electronic componets MSM7579 Datasheet HTML 17Page - OKI electronic componets MSM7579 Datasheet HTML 18Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
14/18
APPLICATION CIRCUIT
PCMOUT
AIN–
GSX
Analog input
AOUT
10 mF
PCM signal output
PCM data input
PCM Shift Clock input
8 kHz SYNC signal input
Power Down control input
0.1 mF
1 kW
"1" = Operation
"0" = Power down
MSM7578H/7579
0 to 10 W
AIN+
PCMIN
BCLK
Analog output
5 V
XSYNC
PDN
SGC
AG
DG
VDD
0 V
+5 V
SG
RSYNC
1 mF
+
–
Analog interface
Digital interface
The analog output signal has an amplitude of
±1.2 V above and below the offset voltage level of
VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com