Electronic Components Datasheet Search
  English  ▼

X  

MSM7582 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7582
Description  pie/4 Shift QPSK MODEM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7582 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7582 Datasheet HTML 1Page - OKI electronic componets MSM7582 Datasheet HTML 2Page - OKI electronic componets MSM7582 Datasheet HTML 3Page - OKI electronic componets MSM7582 Datasheet HTML 4Page - OKI electronic componets MSM7582 Datasheet HTML 5Page - OKI electronic componets MSM7582 Datasheet HTML 6Page - OKI electronic componets MSM7582 Datasheet HTML 7Page - OKI electronic componets MSM7582 Datasheet HTML 8Page - OKI electronic componets MSM7582 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
¡ Semiconductor
MSM7582/7582B
4/24
PIN AND FUNCTIONAL DESCRIPTIONS
TXD
Transmit data input for 384 kbps.
TXCI
Transmit clock input.
When the control register CR0 – B6 is “0”, a 384 kHz clock pulse synchronous with TXD should
be input to this pin. This clock pulse should be continuous because these devices use APLL to
generate the internal clock pulse.
When CR0 – B6 is “1”, a 3.84 MHz clock pulse should be input to this pin. When the 3.84 MHz
clock pulse is applied, TXCO outputs a 384 kHz clock pulse, which is generated by dividing the
3.84 MHz to TXCI by 10. The transmit data, synchronous 384 kHz clock pulse, should be input
to the TXD. In this case the devices do not use APLL, and the 3.84 MHz clock pulse need not be
continuous. (Refer to Fig. 1.)
TXCO
Transmit clock output.
When CR0 - B6 is “0”, TXCO outputs the 384 kHz clock pulse (APLL output) for monitoring
purposes. When CR0 – B6 is “1”, this pin outputs a 384 kHz clock pulse generated by dividing
the TXCI input by 10. (Refer to Fig. 1.)
When CR0 – B6 = “0” and CR5 – B7 = “1”, this pin outputs the burst timing position.
TXW
Transmit data window input.
The transmit timing signal for the burst data is input to the device pin. If TXW is “1”, the
modulation data is output. However, the MSM7582 is different from the MSM7582B in the ramp
response time for burst rise-up and burst fall-down of I, Q modulated outputs, as shown in the
table below. (Refer to Fig, 1-1 for the MSM7582 and Fig, 1-2 for the MSM7582B)
MSM7582
MSM7582B
Ramp Rise-up
1.75 symbols
2 symbols
Ramp Fall-down
2.75 symbols
2 symbols
The TXCO burst position output timing discribed before, is different, according to this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com