Electronic Components Datasheet Search
  English  ▼

X  

MSM7582 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7582
Description  pie/4 Shift QPSK MODEM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7582 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7582 Datasheet HTML 4Page - OKI electronic componets MSM7582 Datasheet HTML 5Page - OKI electronic componets MSM7582 Datasheet HTML 6Page - OKI electronic componets MSM7582 Datasheet HTML 7Page - OKI electronic componets MSM7582 Datasheet HTML 8Page - OKI electronic componets MSM7582 Datasheet HTML 9Page - OKI electronic componets MSM7582 Datasheet HTML 10Page - OKI electronic componets MSM7582 Datasheet HTML 11Page - OKI electronic componets MSM7582 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
¡ Semiconductor
MSM7582/7582B
8/24
MCK
Master clock input.
The clock frequency is 19.2 MHz.
IFIN
Modulated signal input for the demodulator block.
Select the IF frequency from 1.2 MHz, 10.7 MHz, 10.75 MHz, and 10.8 MHz, based on CR0 – B4
and B3.
IFCK
Clock signal input for demodulator block IF frequencies (10.7 MHz or 10.75 MHz).
If the IF frequency is 10.7 MHz, 19.0222 MHz should be supplied. When it is 10.75 MHz, 19.1111
MHz should be supplied. When the IF frequency is 1.2 MHz or 10.8 MHz, set this pin to “0” or
“1”. (Refer to Fig. 2.)
X1, X2
Crystal oscillator connection pins.
When supplying a 19.0222 MHz or 19.1111 MHz clock to IFCK, use these pins (Refer to Fig. 2.)
X1
IFCK
19.0222 MHz or 19.1111 MHz
When IFIN = 10.7 MHz or 10.75 MHz
X2
MSM7582/7582B
X1
IFCK
X2
MSM7582/7582B
When IFIN = 1.2 MHz or 10.8 MHz
Figure 2 How to Use IFCK, X1, and X2
RXD, RXC
Receive data and clock output. When power is turned on, the outputs of circuits selected by SLS1
and SLS2 appear at these pins. (Refer to Fig. 3)
RXD1
RXC
SLS2
The recovery data and clock pulse are selected
asynchronously using the SLS signals.
SLS1
Figure 3 RXD and RXC Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com