Electronic Components Datasheet Search
  English  ▼

X  

ALC883 Datasheet(PDF) 39 Page - Realtek Semiconductor Corp.

Part # ALC883
Description  7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC883 Datasheet(HTML) 39 Page - Realtek Semiconductor Corp.

Back Button ALC883 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 40Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 43Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
ALC883 Series
Datasheet
7.1+2 Channel High Definition Audio Codec
31
Track ID: JATR-1076-21
Rev. 1.2
8.1.15. Parameter – GPIO Capabilities (Verb ID=F00h,
Parameter ID=11h)
Table 32. Parameter – GPIO Capabilities (Verb ID=F00h, Parameter ID=11h)
Codec Response Format
Bit
Description
31
GPIWake=0
The ALC883 series does not support GPIO wake up function
30
GPIUnsol=1
The ALC883 series supports GPIO unsolicited response
29:24
Reserved. Read as 0’s
23:16
NumGPIs=00h
No GPI pin is supported
15:8
NumGPOs=00h
No GPO pin is supported
7:0
NumGPIOs=02h
Two GPIO pins are supported
8.1.16. Parameter – Volume Knob Capabilities (Verb ID=F00h,
Parameter ID=13h)
Table 33. Parameter – Volume Knob Capabilities (Verb ID=F00h, Parameter ID=13h)
Codec Response Format for NID=21h (Volume Control Knob)
Bit
Description
31:8
Reserved. Read as 0’s
7
Delta
0: Software cannot modify the Volume Control Knob volume
1: Software can write a base volume to the Volume Control Knob
6:0
NumSteps
The number of steps in the range of the Volume Control Knob
Note: In devices without volume knob support, the ALC883 will respond with 0s to this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com