Electronic Components Datasheet Search
  English  ▼

X  

ALC883 Datasheet(PDF) 65 Page - Realtek Semiconductor Corp.

Part # ALC883
Description  7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC883 Datasheet(HTML) 65 Page - Realtek Semiconductor Corp.

Back Button ALC883 Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 68Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 69Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
ALC883 Series
Datasheet
7.1+2 Channel High Definition Audio Codec
57
Track ID: JATR-1076-21
Rev. 1.2
8.37. Verb – Function Reset (Verb ID=7FFh)
Table 68. Verb – Function Reset (Verb ID=7FFh)
Command Format (NID=01H)
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=01h
Verb ID=7FFh
0’s
0’s
Codec Response
Bit
Description
31:0
Reserved. Read as 0’s
Note: The Function Reset command causes all widgets in the ALC883 series to return to their power on default state.
8.38. Verb – Get Digital Converter Control 1 & Control 2 (Verb
ID= F0Dh, F0Eh)
Table 69. Verb – Get Digital Converter Control 1 & Control 2 (Verb ID= F0Dh, F0Eh)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F0Dh/
F0Eh
0’s
Bit[31:16]=0’s, Bit[15:0] are SIC bit
NID=06h (S/PDIF-OUT) Response to ‘Get verb’ – F0Dh (Control 1 for SIC bit[15:0])
NID=06h (S/PDIF-OUT) Response to ‘Get verb’ – F0Eh (Control 2 for SIC bit[15:0])
Bit
Description – SIC (S/PDIF IEC Control) Bit[7:0]
31:16
Read as 0’s
15
Reserved. Read as 0’s
14:8
CC[6:0] (Category Code)
7
LEVEL (Generation Level)
6
PRO (Professional or Consumer format)
0: Consumer format
1: Professional format
5
/AUDIO (Non-Audio Data type)
0: PCM data
1: AC3 or other digital non-audio data
4
COPY (Copyright)
0: Asserted
1: Not asserted
3
PRE (Pre-emphasis)
0: None
1: Filter pre-emphasis is 50/15 microseconds
2
VCFG for Validity Control (control V bit and data in Sub-Frame)
1
V for Validity Control (control V bit and data in Sub-Frame)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com