Electronic Components Datasheet Search
  English  ▼

X  

ALC883 Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part # ALC883
Description  7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC883 Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button ALC883 Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
ALC883 Series
Datasheet
7.1+2 Channel High Definition Audio Codec
13
Track ID: JATR-1076-21
Rev. 1.2
7.2.2.
Outbound Frame – Multiple SDO
The HDA controller allows two SDO signals to be used to strip outbound data, completing transmission
in less time to get more bandwidth. If software determines the target codec supports multiple SDO
capability, it enables the ‘Strip Control’ bit in the controller’s Output Stream Control Register to initiate a
specific stream (Stream ‘A’ in Figure 9) to be transmitted on multiple SDOs. In this case, the MSB of
stream data is always carried on SDO0, the second bit on SDO1 and so forth.
SDO1 is for transmitting a stripped stream. The codec does not support multiple SDOs connected to
SDO0.
To guarantee all codecs can determine their corresponding stream, the command stream is not stripped. It
is always transmitted on SDO0, and copied on SDO1.
Command Stream
SDO
0
SYNC
Stream 'X' to Codec X
Stream 'A' Tag
Stream 'X' Tag
Frame SYNC
SDO
1
Dn
. . .
D
n-1
Dn-2
D
n-3
. . .
. . .
Stream 'Y' to Codec Y
0s
Stream 'Y' Tag
Stream 'A' to Codec A
Stream A is "bit-stripped" on SDO0 and SDO1
Command Stream
0s
Command Stream is unchanged, not stripped
Figure 9.
Stripped Stream on Multiple SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com