Electronic Components Datasheet Search
  English  ▼

X  

ACCTEE Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # ACCTEE
Description  New Measurement Style with New Concept
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

ACCTEE Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  ACCTEE Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Surface Texture – Contour
Measuring Instruments
Software
Self-diagnosis function is a resident program to provide against emergency.
The function outputs messages to identify the fault or error locations in measuring instrument on screen for assisting actions against errors.
The messages prompt actions to solve problems quickly.
Self-diagnosis function (standard function)
● Display of status
● Display of error location
● Display of guidance
Examples of troubles
● Servo error (Driver)
● Excessive contact of a detector
● Limit error (Driver)
Notify error status,
occurrence location and
countermeasure to users
Automatic document
generation at the first
measurement
Remeasurement result (Display
under same analysis conditions
as previous ones)
Remeasurement
Reanalysis
Reanalysis result
(Display under changed conditions)
Condition change
(horizontal
magnification change)
Icon display
ACCTee holds whole information including
layouts, measurement conditions,
analysis conditions, measurement data,
and part program. This enables the data
edit, the addition of analysis contents, the
reanalysis and the remeasurement, at will.
Unnecessity of window switching
improves the operability over 40%
compared to conventional manner.
In addition to the reanalysis, the
repetition of measurement and analysis
is easily carried out, by selecting
measurement data in data pool and
clicking the remeasurement button, for
obtaining similar measurement result to
previous one.
Reanalysis/remeasurement with easy operation heightens efficiency
Automatization of a set of operations from mea-
surement to inspection result output achieves
high-efficient measurement work.
Operations of "jump, pause, break, continue"
based on conditional branching by measurement
results and calculation errors are selectable.
Prompting confirmation of certainty using system
call command function prevents simple opera-
tional mistakes.
Typical example of confirmation of certainty is to
display pictures for the workpiece setting posture
before CNC execution, and pictures of detector/
stylus profiles.
CNC function
Command edit screen
Data processing software
54
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com